Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 325Page - Renesas Technology Corp SH7721 Datasheet HTML 326Page - Renesas Technology Corp SH7721 Datasheet HTML 327Page - Renesas Technology Corp SH7721 Datasheet HTML 328Page - Renesas Technology Corp SH7721 Datasheet HTML 329Page - Renesas Technology Corp SH7721 Datasheet HTML 330Page - Renesas Technology Corp SH7721 Datasheet HTML 331Page - Renesas Technology Corp SH7721 Datasheet HTML 332Page - Renesas Technology Corp SH7721 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 267 of 1458
REJ09B0033-0300
The interrupt mask bits (I3 to I0) in the status register (SR) are not affected by IRQ interrupt
handling. IRQ interrupts specified for edge detection can be used to recover from a standby state
when the corresponding interrupt level is higher than that set in the I3 to I0 bits of the SR register.
(However, when RTC is used, recovering from standby by using the clock for RTC is enabled.)
8.4.3
IRL interrupts
IRL interrupts are input by pins
IRL3 to IRL0 as level. The priority level is the higher level that is
indicated by
IRL3 to IRL0 pins. When the values of IRL3 to IRL0 pins are 0 (B'0000), it indicates
the highest level interrupt request (interrupt priority level 15). When the values of the pins are 15
(B'1111), no interrupt is requested (interrupt priority level 0). Figure 8.2 shows an example of
connection for IRL interrupt.
IRL interrupts are included with noise canceller function and detected when the sampled levels of
each peripheral module clock keep same value for 2 cycles. This prevents sampling error level in
IRL pin changing.
IRL interrupts priority level should be kept until interrupt is accepted and its handling is started.
However, changing to higher level is enabled.
The interrupt mask bits I3 to I0 in the status register (SR) are not affected by the IRL interrupt
handling.
Priority
encoder
4
SH7720 / SH7721 Group
Interrupt
request
IRL3 to IRL0
IRL3 to IRL0
Figure 8.2
Example of IRL Interrupt Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com