Electronic Components Datasheet Search
  English  ▼

X  

SH7760 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7760
Description  SuperHTM RISC engine
PDF  1345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7760 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7760 Datasheet HTML 51Page - Renesas Technology Corp SH7760 Datasheet HTML 52Page - Renesas Technology Corp SH7760 Datasheet HTML 53Page - Renesas Technology Corp SH7760 Datasheet HTML 54Page - Renesas Technology Corp SH7760 Datasheet HTML 55Page - Renesas Technology Corp SH7760 Datasheet HTML 56Page - Renesas Technology Corp SH7760 Datasheet HTML 57Page - Renesas Technology Corp SH7760 Datasheet HTML 58Page - Renesas Technology Corp SH7760 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1345 page
background image
Rev. 1.0, 02/03, page 5 of 1294
Item
Features
Cache memory
• Instruction cache (IC)
 16-kbyte, 2-way set associative (LRU)
 256 entries, 32-byte block length
 Cache-double-mode (16-kbyte cache)
 Index mode
• Operand cache (OC)
 32-kbyte, 2-way set associative (LRU)
 512 entries, 32-byte block length
 Cache-double-mode (32-kbyte cache)
 Index mode
 RAM mode (16-kbyte cache + 16-kbyte RAM)
 Choice of write method (copy-back or write-through)
• Single-stage copy-back buffer, single-stage write-through buffer
• Cache memory contents can be accessed directly by address mapping
(usable as on-chip memory)
• Store queue (32 bytes × 2 entries)
Interrupt controller
(INTC)
• Nine independent external interrupts: NMI, IRL3 to IRL0, and IRQ7 to
IRQ4
• 15-level signed external interrupts: IRL3 to IRL0
• On-chip peripheral module interrupts: Priority level can be set for each
module
User break
controller (UBC)
• Supports debugging by means of user break interrupts
• Two break channels
• Address, data value, access type, and data size can all be set as break
conditions
• Supports sequential break function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com