Electronic Components Datasheet Search
  English  ▼

X  

SH7760 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # SH7760
Description  SuperHTM RISC engine
PDF  1345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7760 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button SH7760 Datasheet HTML 76Page - Renesas Technology Corp SH7760 Datasheet HTML 77Page - Renesas Technology Corp SH7760 Datasheet HTML 78Page - Renesas Technology Corp SH7760 Datasheet HTML 79Page - Renesas Technology Corp SH7760 Datasheet HTML 80Page - Renesas Technology Corp SH7760 Datasheet HTML 81Page - Renesas Technology Corp SH7760 Datasheet HTML 82Page - Renesas Technology Corp SH7760 Datasheet HTML 83Page - Renesas Technology Corp SH7760 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 1345 page
background image
Rev. 1.0, 02/03, page 30 of 1294
2.2
Register Descriptions
2.2.1
Privileged Mode and Banks
Processor Modes: This LSI has two processor modes, user mode and privileged mode. This LSI
normally operates in user mode, and switches to privileged mode when an exception occurs or an
interrupt is accepted. There are four kinds of registers—general registers, system registers, control
registers, and floating-point registers—and the registers that can be accessed differ in the two
processor modes.
General Registers: There are 16 general registers, designated R0 to R15. General registers R0 to
R7 are banked registers which are switched by a processor mode change.
In privileged mode, the register bank bit (RB) in the status register (SR) defines which banked
register set is accessed as general registers, and which set is accessed only through the load control
register (LDC) and store control register (STC) instructions.
When the RB bit is 1 (that is, when bank 1 is selected), the 16 registers comprising bank 1 general
registers R0_BANK1 to R7_BANK1 and non-banked general registers R8 to R15 can be accessed
as general registers R0 to R15. In this case, the eight registers comprising bank 0 general registers
R0_BANK0 to R7_BANK0 are accessed by the LDC/STC instructions. When the RB bit is 0 (that
is, when bank 0 is selected), the 16 registers comprising bank 0 general registers R0_BANK0 to
R7_BANK0 and non-banked general registers R8 to R15 can be accessed as general registers R0
to R15. In this case, the eight registers comprising bank 1 general registers R0_BANK1 to
R7_BANK1 are accessed by the LDC/STC instructions.
In user mode, the 16 registers comprising bank 0 general registers R0_BANK0 to R7_BANK0 and
non-banked general registers R8 to R15 can be accessed as general registers R0 to R15. The eight
registers comprising bank 1 general registers R0_BANK1 to R7_BANK1 cannot be accessed.
Control Registers: Control registers comprise the global base register (GBR) and status register
(SR), which can be accessed in both processor modes, and the saved status register (SSR), saved
program counter (SPC), vector base register (VBR), saved general register 15 (SGR), and debug
base register (DBR), which can only be accessed in privileged mode. Some bits of the status
register (such as the RB bit) can only be accessed in privileged mode.
System Registers: System registers comprise the multiply-and-accumulate registers
(MACH/MACL), the procedure register (PR), the program counter (PC), the floating-point
status/control register (FPSCR), and the floating-point communication register (FPUL). Access to
these registers does not depend on the processor mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com