Electronic Components Datasheet Search
  English  ▼

X  

SH7760 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7760
Description  SuperHTM RISC engine
PDF  1345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7760 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7760 Datasheet HTML 26Page - Renesas Technology Corp SH7760 Datasheet HTML 27Page - Renesas Technology Corp SH7760 Datasheet HTML 28Page - Renesas Technology Corp SH7760 Datasheet HTML 29Page - Renesas Technology Corp SH7760 Datasheet HTML 30Page - Renesas Technology Corp SH7760 Datasheet HTML 31Page - Renesas Technology Corp SH7760 Datasheet HTML 32Page - Renesas Technology Corp SH7760 Datasheet HTML 33Page - Renesas Technology Corp SH7760 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1345 page
background image
Rev. 1.0, 02/03, page xxviii of xlviii
Figure 7.2 Configuration of Instruction Cache ...........................................................................140
Figure 7.3 Configuration of Write-Back Buffer .........................................................................148
Figure 7.4 Configuration of Write-Through Buffer .................................................................... 148
Figure 7.5 Memory-Mapped IC Address Array..........................................................................152
Figure 7.6 Memory-Mapped IC Data Array ...............................................................................153
Figure 7.7 Memory-Mapped OC Address Array ........................................................................154
Figure 7.8 Memory-Mapped OC Data Array..............................................................................155
Figure 7.9 Memory-Mapped IC Address Array..........................................................................157
Figure 7.10 Memory-Mapped IC Data Array .............................................................................158
Figure 7.11 Memory-Mapped OC Address Array ......................................................................159
Figure 7.12 Memory-Mapped OC Data Array............................................................................160
Figure 7.13 Store Queue Configuration......................................................................................161
Section 8 Exceptions
Figure 8.1 Instruction Execution and Exception Handling .........................................................171
Figure 8.2 Example of General Exception Acceptance Order ....................................................172
Section 9 Interrupt Controller (INTC)
Figure 9.1 Block Diagram of INTC............................................................................................204
Figure 9.2 Example of IRL Interrupt Connection .......................................................................218
Figure 9.3 Interrupt Operation Flowchart ...................................................................................226
Section 10 Bus State Controller (BSC)
Figure 10.1 Block Diagram of BSC............................................................................................231
Figure 10.2 Correspondence between Virtual Address Space and Off-chip Memory Space......234
Figure 10.3 Off-chip Memory Space Allocation ........................................................................236
Figure 10.4 Example of
RDY Sampling Timing ........................................................................253
Figure 10.5 Write to RTCSR, RTCNT, RTCOR, or RFCR........................................................279
Figure 10.6 Basic Timing of SRAM Interface............................................................................292
Figure 10.7 Example of 32-Bit Data Width SRAM Connection ................................................293
Figure 10.8 Example of 16-Bit Data Width SRAM Connection ................................................294
Figure 10.9 Example of 8-Bit Data Width SRAM Connection ..................................................294
Figure 10.10 SRAM Interface Wait Timing (Software Wait Only)............................................295
Figure 10.11 SRAM Interface Wait Timing (Wait Cycle Insertion by
RDY Signal).................296
Figure 10.12 SRAM Interface Wait State Timing (Read Strobe Negate Timing Setting;
AnS = 1, AnW = 011, AnH = 10)..........................................................................297
Figure 10.13 DCK,
BS2, and CS1 Timing when Reading SRAM Interface
(DCKDR = H'0002, A1RDH = 1 and A1H[1:0] = 10 in WCR3,
CSH[1:0] in WCR4 = 10, Three Wait Cycles) ......................................................298
Figure 10.14 DCK,
BS2, and CS1 Timing when Writing to SRAM Interface
(DCKDR = H'0002, A1RDH = 1 and A1H[1:0] = 10 in WCR3,
CSH[1:0] in WCR4 = 10, Three Wait Cycles) ......................................................299
Figure 10.15 Connection Example of Synchronous DRAM with 32-Bit Data Width
(Area 3).................................................................................................................301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com