Electronic Components Datasheet Search
  English  ▼

X  

SH7760 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SH7760
Description  SuperHTM RISC engine
PDF  1345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7760 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SH7760 Datasheet HTML 19Page - Renesas Technology Corp SH7760 Datasheet HTML 20Page - Renesas Technology Corp SH7760 Datasheet HTML 21Page - Renesas Technology Corp SH7760 Datasheet HTML 22Page - Renesas Technology Corp SH7760 Datasheet HTML 23Page - Renesas Technology Corp SH7760 Datasheet HTML 24Page - Renesas Technology Corp SH7760 Datasheet HTML 25Page - Renesas Technology Corp SH7760 Datasheet HTML 26Page - Renesas Technology Corp SH7760 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 1345 page
background image
Rev. 1.0, 02/03, page xxi of xlviii
26.3
Register Descriptions ........................................................................................................ 911
26.3.1 Mode Register (MODER) .................................................................................... 914
26.3.2 Command Type Register (CMDTYR)................................................................. 915
26.3.3 Response Type Register (RSPTYR) .................................................................... 916
26.3.4 Transfer Byte Number Count Register (TBCR) .................................................. 919
26.3.5 Command Registers 0 to 5 (CMDR0 to CMDR5) ............................................... 920
26.3.6 Response Registers 0 to 16 (RSPR0 to RSPR16) ................................................ 921
26.3.7 Command Start Register (CMDSTRT)................................................................ 923
26.3.8 Operation Control Register (OPCR) .................................................................... 924
26.3.9 Command Timeout Control Register (CTOCR) .................................................. 926
26.3.10 Data Timeout Register (DTOUTR) ..................................................................... 927
26.3.11 Card Status Register (CSTR) ............................................................................... 928
26.3.12 Interrupt Control Registers 0 to 2 (INTCR0 to INTCR2) .................................... 930
26.3.13 Interrupt Status Registers 0 to 2 (INTSTR0 to INTSTR2)................................... 932
26.3.14 Transfer Clock Control Register (CLKON)......................................................... 937
26.3.15 Data Register (DR) .............................................................................................. 938
26.3.16 FIFO Pointer Clear Register (FIFOCLR)............................................................. 939
26.3.17 DMA Control Register (DMACR)....................................................................... 940
26.3.18 Receive Data Timing Select Register (RDTIMSEL) ........................................... 941
26.4
Operation........................................................................................................................... 941
26.4.1 Operations in MMC Mode................................................................................... 941
26.5
MMCIF Interrupt Sources................................................................................................. 964
26.6
Operations when Using DMA........................................................................................... 965
26.6.1 Operation in Read Sequence ................................................................................ 965
26.6.2 Operation in Write Sequence ............................................................................... 965
26.7
Register Accesses with Little Endian Specification.......................................................... 968
Section 27 Multifunctional Interface (MFI) ..................................................... 969
27.1
Features ............................................................................................................................. 969
27.2
Input/Output Pins .............................................................................................................. 971
27.3
Register Descriptions ........................................................................................................ 972
27.3.1 MFI Index Register (MFIIDX) ............................................................................ 974
27.3.2 MFI General Status Register (MFIGSR) ............................................................. 975
27.3.3 MFI Status/Control Register (MFISCR) .............................................................. 976
27.3.4 MFI Memory Control Register (MFIMCR)......................................................... 978
27.3.5 MFI Internal Interrupt Control Register (MFIIICR) ............................................ 980
27.3.6 MFI External Interrupt Control Register (MFIEICR) .......................................... 981
27.3.7 MFI Address Register (MFIADR) ....................................................................... 982
27.3.8 MFI Data Register (MFIDATA).......................................................................... 983
27.4
Operation........................................................................................................................... 984
27.4.1 Overview.............................................................................................................. 984
27.4.2 Connections ......................................................................................................... 985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com