| Electronic Components Datasheet Search |
|
SH7760 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7760 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 1345 page ![]() Rev. 1.0, 02/03, page xxx of xlviii Figure 10.52 MPX Interface Timing 9 (Burst Read Cycle, AnW = 0, No External Wait, 32-Bit Bus Width, 64-Bit Data Transfer) ..............................................................348 Figure 10.53 MPX Interface Timing 10 (Burst Read Cycle, AnW = 0, One External Wait Inserted, 32-Bit Bus Width, 64-Bit Data Transfer).................349 Figure 10.54 MPX Interface Timing 11 (Burst Write Cycle, AnW = 0, No External Wait, 32-Bit Bus Width, 64-Bit Data Transfer) ..............................................................350 Figure 10.55 MPX Interface Timing 12 (Burst Write Cycle, AnW = 1, One External Wait Inserted, 32-Bit Bus Width, 64-Bit Data Transfer)................351 Figure 10.56 Example of 32-Bit Data Width Byte Control SRAM 352 Figure 10.57 Byte Control SRAM Basic Read Cycle (No Wait)................................................353 Figure 10.58 Byte Control SRAM Basic Read Cycle (One Internal Wait Cycle) ......................354 Figure 10.59 Byte Control SRAM Basic Read Cycle (One Internal Wait + One External Wait)..............................................................355 Figure 10.60 Wait Cycles between Access Cycles .....................................................................357 Figure 10.61 Arbitration Sequence .............................................................................................359 Section 11 Direct Memory Access Controller (DMAC) Figure 11.1 DMAC Block Diagram............................................................................................362 Figure 11.2 DMABRG Block Diagram ......................................................................................363 Figure 11.3 DMAC Transfer Flowchart .....................................................................................405 Figure 11.4 Round Robin Mode .................................................................................................409 Figure 11.5 Example of Changes in Priority Order in Round Robin Mode................................411 Figure 11.6 Data Flow in Single Address Mode.........................................................................412 Figure 11.7 DMA Transfer Timing in Single Address Mode .....................................................413 Figure 11.8 Operation in Dual Address Mode ............................................................................414 Figure 11.9 Example of Transfer Timing in Dual Address Mode ..............................................415 Figure 11.10 Example of DMA Transfer in Cycle Steal Mode ..................................................416 Figure 11.11 Example of DMA Transfer in Burst Mode............................................................416 Figure 11.12 Bus Handling with Two DMAC Channels Operating ...........................................420 Figure 11.13 Dual Address Mode/Cycle Steal Mode in External Request 2-Channel Mode External Bus → External Bus/DREQ (Level Detection), DACK (Read Cycle)....423 Figure 11.14 Dual Address Mode/Cycle Steal Mode in DMABRG Mode External Bus → External Bus/DREQ (Level Detection), DACK (Read Cycle)....424 Figure 11.15 Dual Address Mode/Cycle Steal Mode in External Request 2-Channel Mode External Bus → External Bus/DREQ (Edge Detection), DACK (Read Cycle)..............................................................................................425 Figure 11.16 Dual Address Mode/Cycle Steal Mode in DMABRG Mode External Bus → External Bus/DREQ (Edge Detection), DACK (Read Cycle) ....426 Figure 11.17 Dual Address Mode/Burst Mode in External Request 2-Channel Mode External Bus → External Device/DREQ (Level Detection), DACK (Read Cycle)..............................................................................................427 Figure 11.18 Dual Address Mode/Burst Modes in DMABRG Mode External Bus → External Bus/ DREQ (Level Detection), DACK (Read Cycle)...428 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |