Electronic Components Datasheet Search
  English  ▼

X  

7733 Datasheet(PDF) 526 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 522Page - Renesas Technology Corp 7733 Datasheet HTML 523Page - Renesas Technology Corp 7733 Datasheet HTML 524Page - Renesas Technology Corp 7733 Datasheet HTML 525Page - Renesas Technology Corp 7733 Datasheet HTML 526Page - Renesas Technology Corp 7733 Datasheet HTML 527Page - Renesas Technology Corp 7733 Datasheet HTML 528Page - Renesas Technology Corp 7733 Datasheet HTML 529Page - Renesas Technology Corp 7733 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–10
Fig. 20.5.2 SFR area’s memory map
UART 0 transmission interrupt control register
UART 1 transmission interrupt control register
INT2
/Key input interrupt control register
Port P1 direction register (Note 3)
UART 0 transmit/receive mode register
UART 0 baud rate register (BRG0)
UART 0 transmit/receive control register 0
UART 0 transmit/receive control register 1
UART 0 transmission buffer register
UART 1 transmit/receive control register 0
UART 1 transmit/receive mode register
UART 1 baud rate register (BRG1)
UART 1 transmit/receive control register 1
UART 0 receive buffer register
UART 1 transmission buffer register
UART 1 receive buffer register
Port P0 register (Note 3)
A-D register 0
A-D register 2
Port P1 register (Note 3)
Port P0 direction register (Note 3)
Port P2 register (Note 3)
Port P3 register (Note 3)
Port P4 register (Note 3)
Port P5 register
Port P6 register
Port P7 register
Port P8 register
A-D control register 0
A-D control register 1
A-D register 1
A-D register 3
A-D register 4
A-D register 5
000000
000001
000002
000003
000005
000006
000007
000008
000009
000010
000011
000012
000013
000014
000015
000016
000017
000018
000019
00001A
00001B
00001C
00001D
00001E
00001F
000020
000021
000022
000023
000024
000025
000026
000027
000028
000029
00002A
00002B
00002C
00002D
00002E
00002F
000030
000031
000032
000033
000034
000035
000036
000037
000038
000039
00003A
00003B
00003C
00003D
00003E
00003F
00000B
00000C
00000D
00000E
00000F
00000A
000004
000040
000041
000042
000043
000045
000046
000047
000048
000049
000050
000051
000052
000053
000054
000055
000056
000057
000058
000059
00005A
00005B
00005C
00005D
00005E
00005F
000060
000061
000062
000063
000064
000065
000066
000067
000068
000069
00006A
00006B
00006C
00006D
00006E
00006F
000070
000071
000072
000073
000074
000075
000076
000077
000078
000079
00007A
00007B
00007C
00007D
00007E
00007F
00004B
00004C
00004D
00004E
00004F
00004A
000044
Address (Hexadecimal notation)
Address (Hexadecimal notation)
Timer A1 register
Timer A4 register
Timer A2 register
Timer A3 register
Timer B0 register
Timer B1 register
Timer B2 register
Count start flag
One-shot start flag
Up-down flag
Timer A0 register
Timer A0 mode register
Timer A1 mode register
Timer A2 mode register
Timer A4 mode register
Timer B0 mode register
Timer B1 mode register
Timer B2 mode register
Processor mode register 0
Watchdog timer register
Watchdog timer frequency selection flag
A-D/UART2 trans./rece. interrupt control register
UART 0 receive interrupt control register
UART 1 receive interrupt control register
Timer A0 interrupt control register
Timer A1 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B0 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0
interrupt control register
INT1
interrupt control register
Processor mode register 1
Oscillation circuit control register 1
Serial transmit control register
Port function control register
Oscillation circuit control register 0
Timer A3 mode register
Port P2 direction register (Note 3)
Port P3 direction register (Note 3)
Port P4 direction register (Note 3)
Port P5 direction register
Port P6 direction register
Port P7 direction register
Port P8 direction register
Pulse output data register 1 (Note 1)
A-D register 6
A-D register 7
UART2 transmit/receive mode register
UART2 baud rate register (BRG2)
UART2 transmission buffer register
UART2 transmit/receive control register 0
UART2 transmit/receive control register 1
UART2 receive buffer register
Waveform output mode register (Note 1)
Notes 1: Memory map of the M37733S4BFP differs from that of the M37733MHBXXXFP in addresses 1C16, 1D16, 6216, and 6316.
2: Writing to the reserved area is disabled.
3: These registers are used when outputting an arbitrary data in the stop or wait mode.
Pulse output data register 0 (Note 1)
Reserved area (Notes 1, 2)
A-D control register 1
20.5 Memory allocation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com