Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 345Page - Renesas Technology Corp 7477 Datasheet HTML 346Page - Renesas Technology Corp 7477 Datasheet HTML 347Page - Renesas Technology Corp 7477 Datasheet HTML 348Page - Renesas Technology Corp 7477 Datasheet HTML 349Page - Renesas Technology Corp 7477 Datasheet HTML 350Page - Renesas Technology Corp 7477 Datasheet HTML 351Page - Renesas Technology Corp 7477 Datasheet HTML 352Page - Renesas Technology Corp 7477 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 354 page
background image
3-55
7470/7471/7477/7478 GROUP USER’S MANUAL
APPENDIX
3.7 Pin configuration
Fig. 3.7.2 Pin configuration of 7471 group
P52
P07
P06
P05
P53
P16/CLK
P15/SOUT
VSS
17
28
27
26
25
24
23
22
21
20
19
18
56
45
46
47
48
49
50
51
52
53
54
55
P51/XCOUT
P50/XCIN
VCC
XIN
XOUT
VSS
AVSS
NC
NC
NC
NC
NC
NC
P17/SRDY
RESET
NC
M37471M8-XXXFP
M37471E8-XXXFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
P52
P07
P06
P05
P04
P03
P02
P01
P00
P43
P42
P41
P40
P33/CNTR1
P32/CNTR0
P31/INT1
P53
P16/CLK
P15/SOUT
P14/SIN
P13/T1
P12/T0
P11
P10
P27/IN7
P26/IN6
P25/IN5
P24/IN4
P23/IN3
P22/IN2
P21/IN1
17
18
19
20
21
26
25
24
23
22
P30/INT0
P51/XCOUT
P50/XCIN
VCC
P20/IN0
VREF
XIN
XOUT
VSS
P17/SRDY
RESET
Outli
ne
56P6N-A (Note 2)
NC: No connection
Outline
42P4B (Note 1)
42S1B-A (M37471E8SS)
Notes 1 : The M37471M2-XXXSP and M37471M4/E4-XXXSP are included in the 42P4B package. All of these
products are pin-compatible.
2 : The M37471M2-XXXFP and M37471M4/E4-XXXFP are included in the 56P6N-A package. All of
these products are pin-compatible.
3 : The only differences between the 42P4B package product and the 56P6N-A package product are
package shape, absolute maximum ratings and the fact that the 56P6N-A package product has an AVSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com