Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 37Page - Renesas Technology Corp 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp 7477 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 354 page
background image
HARDWARE
1.7 Central processing unit (CPU)
7470/7471/7477/7478 GROUP USER’S MANUAL
1-24
The CPU register states provided immediately after hardware reset are described below.
q The interrupt disable flag (I) of the Processor status register (PS) is set to “1.”
q The high-order 8 bits (PCH) of the Program counter (PC) become the contents of address FFFF16 and
the low-order 8 bits (PCL) become the contents of address FFFE16.
The contents of the other CPU registers are undefined, so be sure to initialize the CPU registers with
the program.
1.7.1 Accumulator (A)
The Accumulator is the central of microcomputer and is an 8-bit register. This accumulator is used for
arithmetic operations, data transfer, temporary storage, condition judgment, and is a general-purpose
register with the highest frequency of use.
1.7.2 Index register X (X), Index register Y (Y)
The Index register X and the Index register Y are 8-bit registers.
In the addressing mode using these Index registers, a value resulting from adding the contents of this
register to the operand becomes a real specified address. This addressing mode is used to make reference
to a subroutine table or a memory table. The Index registers are provided with increment, decrement,
comparison and data transfer functions and can also be used as a simplified accumulator.
In the Index register X, when the index X mode flag (T) of the Processor status register is “1,” the contents
of the Index register become an operand address.
1.7.3 Stack pointer (S)
The Stack pointer is an 8-bit register which is used to call a subroutine or generate an interrupt.
For a branch from a routine being executed to a subroutine or an interrupt processing routine, it is
necessary to temporarily store (push) in memory the return address at the termination of this processing.
Usually, the internal RAM is used as the push destination, and this area is called a stack area. The stack
pointer indicates an address in the stack area to which the data will be pushed next.
Figure 1.7.2 shows a push operation to the stack area of the register and a pop operation from the Stack
area of the register.
The Program counter and registers other than the Processor status register are not automatically pushed.
Accordingly, be sure to push necessary registers with the program.
The PHA instruction and the PLA instruction are used for push and pop operations of the Accumulator and
the PHP instruction and the PLP instruction are used for push and pop operations of the Processor status
register.
In the 7470/7471/7477/7478 group, the RAM in 0 page or 1 page is available as a stack area. Select it
by the stack page bit (bit 2) of the CPU mode register (address 00FB16), which will be described later (“0”
for 0 page or “1” for 1 page). In some products whose RAM capacity is 192 bytes or less, RAM does not
exist on 1 page, so be sure to set this bit to “0.”
The stack pointer is in an undefined state immediately after hardware reset. Be sure to initialize so as not
to destroy the data arranged in the RAM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com