Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 94Page - Renesas Technology Corp 7477 Datasheet HTML 95Page - Renesas Technology Corp 7477 Datasheet HTML 96Page - Renesas Technology Corp 7477 Datasheet HTML 97Page - Renesas Technology Corp 7477 Datasheet HTML 98Page - Renesas Technology Corp 7477 Datasheet HTML 99Page - Renesas Technology Corp 7477 Datasheet HTML 100Page - Renesas Technology Corp 7477 Datasheet HTML 101Page - Renesas Technology Corp 7477 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 354 page
background image
1-81
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
s Timer 3 and Timer 4
q At PWM mode
After data is written to the Timer which is in count operation, the written data is set only in the
Timer latch but not in the Timer. After that, when the Timer overflows, a value resulting from
decrementing 1 from the value of the Timer latch is written in the Timer.
When data is written to the Timer being at a stop, the written data is set in both Timer and Timer
latch.
q In modes other than the PWM mode
The same operation as “Timer 1 and Timer 2” described in the previous item is performed.
Figure 1.12.9 shows an example of updating of the contents of Timer 3, Time 4 and Timer latch in
PWM mode.
Fig. 1.12.9 Example of updating of Timer 3, Timer 4 and Timer latch in PWM mode
A
A
A
RL
RL
OF
(n-1)16
FF16
(m-1)16
(k-1)16
FF16
RL
OF
OF
m16
(h-1)16
OF
RL
• OF: Overflow
• RL: Reload
• n: Timer 3 initial value before updating
• m: Timer 3 initial value after updating
• k: Timer 4 initial value before updating
• h: Timer 4 initial value after updaiting
Writing “m16” to timer 3
Example of updating of Timer at PWM mode
interrupt request bit
interrupt enable bit
Time
• Clearing by writing “0” to the Timer 3 or Timer 4 interrupt request bit.
• Clearing by accepting the Timer 3 and the Timer 4 interrupt request when the Timer 3
and the Timer 4 interrupt enable bit is “1.”
Count of timer 3
Count of timer 4
Time
Writing “h16” to timer 4
A :
Timer 3
Timer 4
Timer 3
Timer 4
Timer 3
interrupt
Timer 4
interrupt
Timer 3
interrupt
Count of timer 3 by rewriting timer value
Count of timer 4 by rewriting timer value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com