Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 71Page - Renesas Technology Corp 7477 Datasheet HTML 72Page - Renesas Technology Corp 7477 Datasheet HTML 73Page - Renesas Technology Corp 7477 Datasheet HTML 74Page - Renesas Technology Corp 7477 Datasheet HTML 75Page - Renesas Technology Corp 7477 Datasheet HTML 76Page - Renesas Technology Corp 7477 Datasheet HTML 77Page - Renesas Technology Corp 7477 Datasheet HTML 78Page - Renesas Technology Corp 7477 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 354 page
background image
HARDWARE
1.11 Interrupts
7470/7471/7477/7478 GROUP USER’S MANUAL
1-58
< Main routine >
In the main routine, set the INT edge polarity according to the INT pin input level just precedent
to execution of the STP/WIT instruction.
1 INT interrupt disable
2 q Select the falling edge when the INT pin input level is “H.”
q Select the rising edge when the INT pin input level is “L.”
3 Clear the INT interrupt request bit to “0” and enable an INT interrupt after one instruction
or more.
4 Clear the interrupt disable flag to “0.”
5 Execute the STP/WIT instruction
< INT interrupt processing routine >
In the INT interrupt processing routine, change the active edge of the INT interrupt without
performing release processing and proceed to the stop mode/wait mode in the case where the
stop mode/wait mode is released by detecting a falling edge.
q When the INT pin input level is “H” (when a rising edge is detected)
Processing for releasing the stop mode/wait mode
q When the INT pin input level is “L” (when a falling edge is detected)
[1] Select the rising edge
[2] Clear the INT interrupt request bit to “0”
[3] Pop from stack
[4] Perform
4 and 5 processing of the main routine.
2. An example of a countermeasure for the case where the stop mode/wait mode is released at the
rising edge of the INT0 pin input level or the falling edge of the INT1 pin input level after the same
signal is input to the INT0 pin and the INT1 pin.
Point: Select the INT interrupt, by the main routine, that becomes a source of release of the stop
mode/wait mode according to the INT pin input level just precedent to execution of the
STP/WIT instruction.
< Main routine >
1 INT0 and INT1 interrupt disable
2 Select the rising edge for the active edge of the INT0 interrupt.
Select the falling edge for the active edge of the INT1 interrupt.
3 q When the INT pin input level is “H”
Clear the INT1 interrupt request bit to “0” and enable the INT1 interrupt after one instruction
or more.
q When the INT pin input level is “L”
Clear the INT0 interrupt request bit to “0” and enable the INT0 interrupt after one instruction
or more.
4 Clear the interrupt disable flag to “0.”
5 Execute the STP/WIT instruction.
(7) In ordinary operation, if the pulse width of the INT input signal is 2 internal clocks
f ( f(XIN)/2 ) or
more by the built-in noise elimination circuit, it is accepted as an interrupt input. Input the INT input
signal with a pulse width of 100 ns or more in the stop mode and the wait mode.
Reference: As a hardware-level means to prevent incorrect interrupt processing due to noise, a noise
elimination circuit is incorporated in the INT0 and INT1 pins so that no interrupt can be
generated by an “H” pulse (when the rising edge is selected) or an “L” pulse (when a
falling edge is selected) of one machine cycle or less in modes other than the stop mode
and the wait mode. As a software-level means, the levels of the INT0 and INT1 pins are
judged at the beginning of the interrupt processing routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com