Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 98Page - Renesas Technology Corp 7477 Datasheet HTML 99Page - Renesas Technology Corp 7477 Datasheet HTML 100Page - Renesas Technology Corp 7477 Datasheet HTML 101Page - Renesas Technology Corp 7477 Datasheet HTML 102Page - Renesas Technology Corp 7477 Datasheet HTML 103Page - Renesas Technology Corp 7477 Datasheet HTML 104Page - Renesas Technology Corp 7477 Datasheet HTML 105Page - Renesas Technology Corp 7477 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 354 page
background image
1-85
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
(3) Timer 34 mode register (T34M: Address 00F916)
The Timer 34 mode register is a register consisting of bits that control a timer count source and a
count operation.
Figure 1.12.13 shows a structure of Timer 34 mode register.
Fig. 1.12.13 Structure of Timer 34 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Name
B
Function
0
At reset
R
0
0
Timer 34 mode register (T34M) [Address
Timer 34 mode register
3
0
0
0
Timer 3 count stop
bit
W
Timer 3 count
source selection bits
Timer 4 count stop
bit
Timer 4 count
source selection bits
Timer 4 pulse width
measurement mode
selection bit
0 : Count start
1 : Count stop
0 : Count start
1 : Count stop
Notes 1:
2:
When Timer 1 overflow is selected as a Timer 2
count source, the Timer 4 count source is the Timer 1
overflow regardless of the value of bit 6 of the
Timer mode register 2.
Since the 7470/7477 group is not provided the sub-clock
generating circuit, f(X CIN) cannot be used.
1, 2
b2 b1
0 0 :
f(XIN)/16 or f(XCIN)/16
0 1 :
f(XCIN)
1 0 :
Timer 1 overflow or
Timer 2 overflow
1 1 :
P33/CNTR1 external
clock
(Note 2)
b4 b3
0 0 :
Timer 3 overflow
0 1 :
f(XIN)/16 or f(XCIN)/16
1 0 :
Timer 1 overflow or
Timer 2 overflow
1 1 :
P33/CNTR1 external
clock
(Notes 1, 2)
0 : Timer mode
1 : External pulse width
measurement mode
6
0
P13/T1 port output
selection bit
0 : P13 port
1 : T1(Timer 4 overflow divided
by 2 or PWM output)
7
4, 5
00F916]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com