Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 99Page - Renesas Technology Corp 7477 Datasheet HTML 100Page - Renesas Technology Corp 7477 Datasheet HTML 101Page - Renesas Technology Corp 7477 Datasheet HTML 102Page - Renesas Technology Corp 7477 Datasheet HTML 103Page - Renesas Technology Corp 7477 Datasheet HTML 104Page - Renesas Technology Corp 7477 Datasheet HTML 105Page - Renesas Technology Corp 7477 Datasheet HTML 106Page - Renesas Technology Corp 7477 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-86
HARDWARE
1.12 Timers
Fig. 1.12.14 Structure of Timer mode register 2
(4) Timer mode register 2 (TM2: Address 00FA16)
The Timer mode register 2 consists of bits that control a mode selection and a count source selection.
Figure 1.12.14 shows a structure of Timer mode register 2.
(5) Timer FF register (TF: Address 00F716)
The Timer FF register consists of bits that are used for initialization in the pulse output mode.
Figure 1.12.15 shows a structure of Timer FF register.
Fig. 1.12.15 Structure of Timer FF register
b7 b6 b5 b4 b3 b2 b1 b0
Name
B
Function
0
1
At reset R W
0
0
Timer mode register 2 (TM2) [Address
6
0
7
0
Timer 1 overflow FF
set enable bit
2
to
5
Timer mode register 2
Timer 4 overflow FF
set enable bit
Nothing is allocated for these bits. These are
write disabled bits and are undefined at reading.
Timer 3, timer 4 count
overflow signal selection bit
Timer 3, timer 4
function selection bit
0 : Set disable
1 : Set enable
0 : Set disable
1 : Set enable
0 : Timer 1 overflow
1 : Timer 2 overflow
0 : Ordinary mode
1 : PWM mode
?? !
00FA16]
b7 b6 b5 b4 b3 b2 b1 b0
Name
B
Function
Timer 1
division flip-flop
0
1
At reset R W
0
0
Timer FF register (TF) [Address
Timer FF register
Nothing is allocated for these bits. These are
write disabled bits and are undefined at
reading.
2
to
7
? !
?
Timer 4
division flip-flop
0 : Initial value is “0”
1 : Initial value is “1”
0 : Initial value is “0”
1 : Initial value is “1”
00F716]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com