Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 171Page - Renesas Technology Corp 7477 Datasheet HTML 172Page - Renesas Technology Corp 7477 Datasheet HTML 173Page - Renesas Technology Corp 7477 Datasheet HTML 174Page - Renesas Technology Corp 7477 Datasheet HTML 175Page - Renesas Technology Corp 7477 Datasheet HTML 176Page - Renesas Technology Corp 7477 Datasheet HTML 177Page - Renesas Technology Corp 7477 Datasheet HTML 178Page - Renesas Technology Corp 7477 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-158
HARDWARE
1.16 Oscillation circuit
1.16.4 Oscillation stabilizing time
In the oscillation circuit using a ceramic resonator or a crystal oscillator, the oscillation becomes unstable
for a certain period at a start of oscillation of the oscillator. The time required for stabilization of oscillation
is called oscillation stabilizing time.
A proper oscillation stabilizing wait time fit for the used oscillation circuit is required. For the oscillation
stabilizing time, ask the oscillator maker for information.
(1) Oscillation stabilizing wait time at power on
In the 7470/7471/7477/7478 group, the oscillation stabilizing wait time for 32768 counts of the XIN
pin input signal is automatically generated in the period from power on to reset release.
Figure 1.16.2 shows a oscillation stabilizing wait time after power on.
(2) Oscillation stabilizing wait time at recovery from stop mode
In the stop mode, oscillation stops. When the previous mode is restored from the stop mode by
inputting a reset signal or generating an interrupt, the oscillation stabilizing wait time for 32768
counts of the XIN pin input signal or the XCIN pin input signal is automatically generated in the same
way as the power on time.
q At recovery by reset, f(XIN) becomes a count source that generates oscillation stabilizing wait time.
q At recovery by interrupt, the count source of timer 3 set immediately before execution of the STP
instruction becomes a count source that generates oscillation stabilizing wait time. Note that when
f(XIN) is the system clock, the oscillation of the f(XCIN) side may not be stabilized after the lapse
of this oscillation stabilizing wait time.
For the details of the stop mode, refer to “1.17.1 Stop mode.”
Note: In the 7470/7477 group, f(XCIN) is not available.
Fig. 1.16.2 Oscillation stabilizing wait time after power on
XIN
VCC
RESET
2
µs or more
Internal reset
Release internal reset state
2.7V
V
V : At f(XIN) = (2.2 VCC – 2) MHz
Oscillation stabilizing wait time
32768 counts of X IN pin input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com