Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 214Page - Renesas Technology Corp 7477 Datasheet HTML 215Page - Renesas Technology Corp 7477 Datasheet HTML 216Page - Renesas Technology Corp 7477 Datasheet HTML 217Page - Renesas Technology Corp 7477 Datasheet HTML 218Page - Renesas Technology Corp 7477 Datasheet HTML 219Page - Renesas Technology Corp 7477 Datasheet HTML 220Page - Renesas Technology Corp 7477 Datasheet HTML 221Page - Renesas Technology Corp 7477 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.20 Electrical characteristics
1-201
(2) 7477/7478 group timing requirements, switching characteristics
Table 1.20.18 shows the timing requirements and switching characteristics of the 7477/7478 group.
Figure 1.20.2 shows the timing chart.
Table 1.20.18 Timing requirements and switching characteristics (7477/7478 group)
(VCC = 4.5 V to 5.5 V, VSS = 0V, Ta = –20 °C to +85°C, f(XIN) = 8 MHz)
Symbol
tc(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(RXD–SCLK)
th(SCLK-RXD)
td(SCLK-TXD)
tc(SCLK)
tWH(SCLK)
tWL(SCLK)
Parameter
Serial I/O clock input cycle time
Serial I/O clock input “H” pulse width
Serial I/O clock input “L” pulse width
Serial I/O input set up time
Serial I/O input hold time
Serial I/O output delay time
Serial I/O clock input cycle time
Serial I/O clock input “H” pulse width
Serial I/O clock input “L” pulse width
Unit
Limits
Max.
Typ.
Min.
2000
880
880
160
80
500
220
220
ns
ns
ns
ns
ns
ns
ns
ns
ns
100
Fig. 1.20.2 Timing chart (7477/7478 group)
0.2VCC
0.2VCC
0.2VCC
0.2VCC
0.8VCC
0.8VCC
0.8VCC
0.8VCC
0.8VCC
tc(SCLK)
tWL(SCLK)
tWH(SCLK)
td(SCLK-TXD)
RXD
SCLK
TXD
tsu(RXD-SCLK)th(SCLK-RXD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com