Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 246Page - Renesas Technology Corp 7477 Datasheet HTML 247Page - Renesas Technology Corp 7477 Datasheet HTML 248Page - Renesas Technology Corp 7477 Datasheet HTML 249Page - Renesas Technology Corp 7477 Datasheet HTML 250Page - Renesas Technology Corp 7477 Datasheet HTML 251Page - Renesas Technology Corp 7477 Datasheet HTML 252Page - Renesas Technology Corp 7477 Datasheet HTML 253Page - Renesas Technology Corp 7477 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 354 page
background image
2-15
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.3 Timers
7470
7471
7477
7478
Fig. 2.3.4 Example of control procedure [Frequency measurement]
RTI
RTS
Frequency measurement routine
Clear the timer 2 interrupt enable bit
(Timer 2 interrupt disabled)
Set the Timer 12 mode register
!! !
!! 1 !
1
Timer 1 count stop
Timer 2 count stop
Set the Timer 12 mode register
0
! 1
10 1 !
1
Timer 1 count source
← CNTR0
Timer 2 count source
← Internal clock
Timer 2 internal clock count source
←f(XIN)/64
Set the Edge polarity selection register
!
1 !
!!! !
! EG (Address 00D416)
CNTR0 rising edge selected
Set the Timer 1 to “FF 16”
Set the Timer 2 to “7C 16”
Clear the timer 2 interrupt request bit
Set the timer 2 interrupt enable bit
(Timer 2 interrupt enabled)
Set the Timer 12 mode register
0
! 1
10 0 !
0
Timer 1 count start
Timer 2 count start
Timer 2 interrupt
Read timer 1
Set the Timer 12 mode register
0
! 1
10 1 !
1 T12M (Address 00F816)
Timer 1 count stop
Timer 2 count stop
According to required accuracy, the event count
value within 1 ms is detected repeatedly, and its
results are averaged.
V
(Timer 1 set value FF 16) – (Timer 1 read value)
← Event count value within 1 ms
T12M (Address 00F8 16)
T12M (Address 00F8 16)
T12M (Address 00F8 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com