Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 277Page - Renesas Technology Corp 7477 Datasheet HTML 278Page - Renesas Technology Corp 7477 Datasheet HTML 279Page - Renesas Technology Corp 7477 Datasheet HTML 280Page - Renesas Technology Corp 7477 Datasheet HTML 281Page - Renesas Technology Corp 7477 Datasheet HTML 282Page - Renesas Technology Corp 7477 Datasheet HTML 283Page - Renesas Technology Corp 7477 Datasheet HTML 284Page - Renesas Technology Corp 7477 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-46
APPLICATION
2.8 Low-power dissipation function
7470
7471
7477
7478
Fig. 2.8.5 Example of control procedure [Low speed mode
→ Ordinary mode]
(4) Low speed mode
→ Ordinary mode
Specifications: The system clock is switched from the sub-clock (f(XCIN) = 32 kHz) to the main
clock (f(XIN) = 8 MHz). The sub-clock is stopped.
Figure 2.8.5 shows an example of control procedure.
×
,
×
,
Set the CPU mode register
1
! 0
01 1 !
0 CPUM (Address 00FB16)
Fixed to “0”
XCIN, XCOUT selected
XCOUT drive capacity High power selected
Main clock oscillation
System clock Low-speed mode selected
Wait f(XIN) oscillation stabilizing time
T For certain time, ask the oscillator manufacturer.
Set the CPU mode register
0
! 0
0 ! 0 !
0 CPUM (Address 00FB16)
Fixed to “0”
P50, P51 selected
Main clock oscillation
System clock Ordinary mode selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com