Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 324Page - Renesas Technology Corp 7477 Datasheet HTML 325Page - Renesas Technology Corp 7477 Datasheet HTML 326Page - Renesas Technology Corp 7477 Datasheet HTML 327Page - Renesas Technology Corp 7477 Datasheet HTML 328Page - Renesas Technology Corp 7477 Datasheet HTML 329Page - Renesas Technology Corp 7477 Datasheet HTML 330Page - Renesas Technology Corp 7477 Datasheet HTML 331Page - Renesas Technology Corp 7477 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
3-34
APPENDIX
3.3 ROM programming ordering method
EPROM address
EPROM address
EPROM address
EPROM type (indicate the type used)
3.3 ROM programming ordering method
GZZ-SH03-60B<06A0>
740 FAMILY ROM PROGRAMMING CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M37470E4-XXXSP
MITSUBISHI ELECTRIC
ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
27128
27256
000016
000F16
001016
1FFF16
200016
3FFF16
Checksum code for entire EPROM
(hexadecimal notation)
(1) Set “FF16” in the shaded area.
(2) Write the ASCII codes that indicates the name of the
product ‘M37470E4–’ to addresses 000016 to 000F16.
ASCII codes ‘M37470E4–’ are listed on the right. The
addresses and data are in hexadecimal notation.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘7’ = 3716
‘4’ = 3416
‘7’ = 3716
‘0’ = 3016
‘E’ = 4516
‘4’ = 3416
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘ – ’ = 2D16
FF16
FF16
FF16
FF16
FF16
FF16
FF16
(1/2)
27512
000016
000F16
001016
5FFF16
600016
7FFF16
000016
000F16
001016
DFFF16
E00016
FFFF16
Area for ASCII
codes of the name
of the product
‘M37470E4–’
Area for ASCII
codes of the name
of the product
‘M37470E4–’
Area for ASCII
codes of the name
of the product
‘M37470E4–’
ROM (8K)
ROM (8K)
ROM (8K)
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three sets of EPROMs are required for each pattern (Check @ in the appropriate box).
If at least two of the three sets of EPROMs submitted contain identical data, we will produce ROM programming based on
this data. We shall assume the responsibility for errors only if the ROM data on the products we produce differ from this
data. Thus, the customer must be especially careful in verifying the data contained in the EPROMs submitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com