Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 33Page - Texas Instruments TAS3218 Datasheet HTML 34Page - Texas Instruments TAS3218 Datasheet HTML 35Page - Texas Instruments TAS3218 Datasheet HTML 36Page - Texas Instruments TAS3218 Datasheet HTML 37Page - Texas Instruments TAS3218 Datasheet HTML 38Page - Texas Instruments TAS3218 Datasheet HTML 39Page - Texas Instruments TAS3218 Datasheet HTML 40Page - Texas Instruments TAS3218 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
Micro
Mem
IF
CLIP
To Output SAP
32
48
76
76
48
48
76
48
48
48
48
48
76
28 48
28
2
48
28
48
48
76
48
48
28
28
48
28
48
48
LOG, ALOG,
NEG, ABS, or
THRU
Barrel Shift
NEG, ABS, or
THRU
Multiply
Legend
Register
ADD
48
28
Operand A
Operand B
76
“ZERO”
VOL
48
28
28-bit data
48
48-bit data
76
76-bit data
32
32-bit data
28
DATA RAM
1024
24
X
DATA RAM
768
48
X
28
24
24
48
28
48
48
24
24-bit data
Output Register File (DO8–DO8)
Delay RAM
VOL (5 LSBs)
B
L
MD
MC
ACC
BR
LR
MR
COEF RAM
1.2 K
24
X
DI (3 LSBs)
LFS
DLYO
DLYI
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
Figure 27. DSP Data Path Architecture
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com