Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 41Page - Texas Instruments TAS3218 Datasheet HTML 42Page - Texas Instruments TAS3218 Datasheet HTML 43Page - Texas Instruments TAS3218 Datasheet HTML 44Page - Texas Instruments TAS3218 Datasheet HTML 45Page - Texas Instruments TAS3218 Datasheet HTML 46Page - Texas Instruments TAS3218 Datasheet HTML 47Page - Texas Instruments TAS3218 Datasheet HTML 48Page - Texas Instruments TAS3218 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 79 page
background image
ELECTRICAL CHARACTERISTICS
MASTER CLOCK SIGNALS
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.3-V TTL
IOH = 4 mA
2.4
VOH
High-level output voltage,
V
1.8-V LVCMOS (XTL_OUT)
IOH = 0.55 mA
1.44
3.3-V TTL
IOL = 4 mA
0.5
VOL
Low-level output voltage
V
1.8-V LVCMOS (XTL_OUT)
IOL = 0.75 mA
0.396
High-impedance output
IOZ
3.3-V TTL
20
A
current,
1.8-V LVCMOS (XTL_IN)
1
IIL
Low-level input current(1)
VI = VIL
A
3.3-V TTL
1
1.8-V LVCMOS (XTL_IN)
1
IIH
High-level input current(2)
VI = VIH
A
3.3-V TTL
1
DSP clock = 135 MHz,
LRCLKIN/LRCLKOUT = 48
IDVDD
Digital supply current
200
mA
KHz,
XTALI = 24.288 MHz
DSP clock = 135 MHz,
LRCLKIN/LRCLKOUT = 48
IAVDD
Analog supply current
28
mA
KHz,
XTALI = 24.288 MHz
IDVDD
Digital supply current
RESET = LOW
0.1
mA
IAVDD
Analog supply current
RESET = LOW
5
mA
(1)
Value given is for those input pins that connect to an internal pullup resistor as well as an input buffer. For inputs that have a pulldown
resistor or no resistor, IIL is 1 A.
(2)
Value given is for those input pins that connect to an internal pulldown resistor as well as an input buffer. For inputs that have a pullup
resistor or no resistor, IIH is 1 A.
over recommended operating conditions, see Figure 33
PARAMETER
MIN
TYP
MAX
UNIT
24.576
fXTALI
XTALI frequency (1/ tcyc1)
(1)
MHz
(512 Fs)
tcyc1
XTALI cycle time(2)
1/(512 Fs)
ns
fMCLKIN
MCLKIN frequency (1/ tcyc2)
256 Fs
MHz
twMCLKIN
MCLKIN pulse duration(3)
0.4 tcyc2
0.6 tcyc2
ns
fMCLKOUT
MCLKOUT frequency(1/ tcyc3)
256 Fs
MHz
trMCLKOUT
MCLKOUT rise time
CL = 30 pF
10
ns
tfMCLKOUT
MCLKOUT fall time
CL = 30 pF
10
ns
twMCLKOUT
MCLKOUT pulse duration(4)
0.4 tcyc3
0.6 tcyc3
ns
XTALI master clock
MCLKOUT jitter
80
ps
source
Delay time,
tdMIMO
MCLKIN rising edge to MCLKOUT rising MCLKOUT = MCLKIN
17
ns
edge (5)
(1)
Frequency tolerance is 100 ppm (or better) at 25C.
(2)
tcyc1 = 1/ fXTALI
(3)
tcyc2 = 1/ fMCLKIN
(4)
tcyc3 = 1/ fMCLKOUT
(5)
When MCLKOUT is derived from MCLKIN, MCLKOUT jitter = MCLKIN jitter. MCLKOUT has the same duty cycle as MCLKIN when
MCLKOUT = MCLKIN.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com