Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 56 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 52Page - Texas Instruments TAS3218 Datasheet HTML 53Page - Texas Instruments TAS3218 Datasheet HTML 54Page - Texas Instruments TAS3218 Datasheet HTML 55Page - Texas Instruments TAS3218 Datasheet HTML 56Page - Texas Instruments TAS3218 Datasheet HTML 57Page - Texas Instruments TAS3218 Datasheet HTML 58Page - Texas Instruments TAS3218 Datasheet HTML 59Page - Texas Instruments TAS3218 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Table 14. M8051 Microcontroller Program RAM
and External Data RAM Block Structure(1)
CALC
TOTAL
REG
BYTE
DATA BLOCK FORMAT
CHECK
NUM
NOTE
SUM
BYTE
1
Checksum MSB
2
Checksum LSB
Memory to be loaded 0x00 or
3
0x01
4
0x00
Control
register
5
Start memory address MSB
0x04
6
Start memory address LSB
Total number of byte transferred
7
MSB
Total number of byte transferred
8
LSB
1
Datum 1 D7D0
2
Datum 2 D7D0
3
Datum 3 D7D0
Data
4
Datum 4D7D0
Register
5
Datum 5 D7D0
0x05
6
Datum 6 D7D0
7
Datum 7 D7D0
8
Datum 8 D7D0
1
Datum 9 D7D0
2
Datum 10 D7D0
3
Datum 11D7D0
Data
4
Datum 12 D7D0
Register
5
Datum 13 D7D0
0x05
6
Datum 14 D7D0
7
Datum 15 D7D0
8
Datum 16 D7D0
1
Datum N-3 D7D0
If the last data register datum
2
Datum N-2 D7D0
is less than 6 byte, zero data
3
Datum N-1 D7D0
should be filled.
Data
4
Datum N D7D0
Register
5
0x00
0x05
Should be zero
6
0x00
7
Checksum MSB
End checksum is always
located here
8
Checksum LSB
(1)
Shades cells indicate the values included in the checksum/total number of bytes calculation.
56
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com