Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 18Page - Texas Instruments TAS3218 Datasheet HTML 19Page - Texas Instruments TAS3218 Datasheet HTML 20Page - Texas Instruments TAS3218 Datasheet HTML 21Page - Texas Instruments TAS3218 Datasheet HTML 22Page - Texas Instruments TAS3218 Datasheet HTML 23Page - Texas Instruments TAS3218 Datasheet HTML 24Page - Texas Instruments TAS3218 Datasheet HTML 25Page - Texas Instruments TAS3218 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
LINEOUT 2/3 L/R
(Stereo)
–1
Amp
MUX 10:1
LINEOUT 1 L/R
(Stereo)
–1
Amp
DAC 1
–1
+
–
D2S Line Amp
MUX 11:1
VREF
ADC
Amp
Line Amp
–1
–1
MUX 10:1
LINE IN 10 ch
(Stereo)
1 V
(single-ended)
RMS
DAC 3
DAC 2
–1
–1
–
–
+
+
D2S Line Amp
D2S HP Amp
DACOUT 1 L/R
(Stereo)
DACOUT 2 L/R
(Stereo)
HPOUT L/R
(Stereo)
Register Map for MUTE Control
0x09
DACOUT1
Pin Name
DAC 1
MUTE Block
LINEOUT1
13
12
BIT
Pin Name
MUX1
MUTE Block
LINEOUT2
15
13
BIT
Pin Name
MUX2
MUTE Block
LINEOUT3
17
14
BIT
Pin Name
MUX3
MUTE Block
DACOUT2
BIT
Pin Name
DAC 2
MUTE Block
5
4
HPOUT
BIT
Pin Name
DAC 3
MUTE Block
2
3
7
6
BIT
0
*
1
1
HW Mute control
DESCRIPTION
Force MUTE ON
Force MUTE OFF
0
0
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Figure 16. Analog Input/Output
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com