Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 2Page - Texas Instruments TAS3218 Datasheet HTML 3Page - Texas Instruments TAS3218 Datasheet HTML 4Page - Texas Instruments TAS3218 Datasheet HTML 5Page - Texas Instruments TAS3218 Datasheet HTML 6Page - Texas Instruments TAS3218 Datasheet HTML 7Page - Texas Instruments TAS3218 Datasheet HTML 8Page - Texas Instruments TAS3218 Datasheet HTML 9Page - Texas Instruments TAS3218 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
SAP
IN
Audio
processing
Control
I
2 C
8051
A -MUX
10 :1
2CH
ADC
10 chstereo
Analog
Inputs
DAC
Mod
6 CH
DAC
SPDIF
HPAMP
SDIN 1
SDIN 2
SDIN 3
HPOUTL / R
SAP
OUT
SDOUT 1
SCL 1
SDA 1
SCL 2
SDA 2
GPIO 1- 4
CS
SPDIFOUT
/
SDOUT 2
3:1
MUX
SPDIFIN
MUTEZ
2
2
2
MCLKIN
SCLKIN
LRCLKIN
MCLKOUT
SCLKOUT
LRCLKOUT
SCLKI
LRCLKI
0.8 uF
2.8 V
RMS
10 K ohm
220
33K
47 uF
2
DACOUT 1 L/ R
DACOUT 2L/ R
2
2
10 chstereo
10 chstereo
AnaloglineInput
1V
RMS
16 Ohm
Clock
Control
OSC
512Fs
AVSS
TBD
TBD
512 Fs
10 pf
10 pf
AVSS
2
LINEOUT 1L/R
2
A-MUX
10:1
LINEOUT 3L/R
2
LINEOUT 2L/R
ApplytoallLineand
DACoutputs
2.2 uF
10K ohm
0.9 V
RMS( MAX )
1V
RMS( MAX )
Lineoutputs
DACoutputs
A-MUX
10:1
A-MUX
11:1
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Figure 1. Block Diagram
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com