Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 2 Page - Texas Instruments

  TAS3218 Datasheet HTML 1Page - Texas Instruments TAS3218 Datasheet HTML 2Page - Texas Instruments TAS3218 Datasheet HTML 3Page - Texas Instruments TAS3218 Datasheet HTML 4Page - Texas Instruments TAS3218 Datasheet HTML 5Page - Texas Instruments TAS3218 Datasheet HTML 6Page - Texas Instruments TAS3218 Datasheet HTML 7Page - Texas Instruments TAS3218 Datasheet HTML 8Page - Texas Instruments TAS3218 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
DVSS1
VREG_EN
STEST
TEST
TEST
GPIO4
GPIO3
MCLKOUT
LRCLKOUT
SCLKOUT
SDOUT1
SDOUT2/SPDIFOUT
DVDD2
VR_DIG1
DVSS2
SPDIF_IN
TEST
TEST
TEST
TEST
SDIN3
SDIN2
SDIN1
LRCLKIN
SCLKIN
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
V1P5_REF
BG_REF
BIAS_REF
AVSS_ADC/REF
AVDD_ADC
LINEIN10R
LINEIN10L
AVSS_LI
LINEIN9R
LINEIN9L
AVDD_LI
LINEIN8R
LINEIN8L
AVSS_LI
LINEIN7R
LINEIN7L
AVDD_LI
LINEIN6R
LINEIN6L
AVSS_LI
LINEIN5R
LINEIN5L
AVDD_LI
LINEIN4R
LINEIN4L
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
The TAS3218 is available in a 100-pin TQFP (PZP) package.
PZP PACKAGE
(TOP VIEW)
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TAS3218IPZP
–40°C to 85°C
TAS3218IPZP
TAS3218IPZPR
TQFP–PZP
Tape and reel
TAS3218PZP
–20°C to 70°C
TAS3218PZP
TAS3218PZPR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com