Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 36Page - Texas Instruments TAS3218 Datasheet HTML 37Page - Texas Instruments TAS3218 Datasheet HTML 38Page - Texas Instruments TAS3218 Datasheet HTML 39Page - Texas Instruments TAS3218 Datasheet HTML 40Page - Texas Instruments TAS3218 Datasheet HTML 41Page - Texas Instruments TAS3218 Datasheet HTML 42Page - Texas Instruments TAS3218 Datasheet HTML 43Page - Texas Instruments TAS3218 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
54-BIT INSTRUCTION
TAS3208 instruction word
Contains two dummy bits in every instruction word of the EEPROM.
All TAS3208 tool compilers always ZERO to these dummy bits in the compile EEPROM image.
DUM
ALU First Stage
ALU Second Stage
Data Memory Load
Coefficient Memory Load
Memory Store
2
P1OP
5
P2OP
4
MOP1
AD1
5
10
MOP2
AD2
10
3
MOP3
AD3
10
4
54–55
53–49
48–42
41–37
36–27
23–14
26–24
9–0
13–10
54-BIT INSTRUCTION
New “Ext”-ended field
Extension bit designates offset of 1K to these
address references for LD/ST operations
Ext
ALU First Stage
ALU Second Stage
Data Memory Load
Coefficient Memory Load
Memory Store
0
P1OP
P2OP
MOP1
AD1
MOP2
AD2
MOP3
AD3
54
53–49
48–42
41–37
36–27
23–14
26–24
9–0
13–10
DSP Instruction Set
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
The superset instruction word maintains backward compatibility with the 54-bit instruction word of the TAS3218
device, since the 54 bit instruction word required dummy storage of 2 bits in the EEPROM.
Figure 31. Instruction Word
As shown in Figure 32 the extension bit designates an offset of 1K to all three addresses in the instruction word.
However, it should be noted that both data and coefficient memory addresses above the 1K boundary are
reserved for housekeeping processing tasks. Any attempt to write to these addresses may corrupt the audio
output.
Figure 32. Instruction Word Extension Field
Please see the TAS3xxx Programmers Guide for detailed information regarding programming of this device.
40
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com