Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 4 Page - Texas Instruments

  TAS3218 Datasheet HTML 1Page - Texas Instruments TAS3218 Datasheet HTML 2Page - Texas Instruments TAS3218 Datasheet HTML 3Page - Texas Instruments TAS3218 Datasheet HTML 4Page - Texas Instruments TAS3218 Datasheet HTML 5Page - Texas Instruments TAS3218 Datasheet HTML 6Page - Texas Instruments TAS3218 Datasheet HTML 7Page - Texas Instruments TAS3218 Datasheet HTML 8Page - Texas Instruments TAS3218 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
TERMINATION(1)
DESCRIPTION
NO.
NAME
44
LINEIN1R
AI
Right-channel analog input 1
45, 53,
AVDD_LI
P
3.3-V analog power
59, 65
46
LINEIN2L
AI
Left-channel analog input 2
47
LINEIN2R
AI
Right-channel analog input 2
48, 56,
AVSS_LI
P
Analog ground
62, 68
49
LINEIN3L
AI
Left-channel analog input 3
50
LINEIN3R
AI
Right-channel analog input 3
51
LINEIN4L
AI
Left-channel analog input 4
52
LINEIN4R
AI
Right-channel analog input 4
54
LINEIN5L
AI
Left-channel analog input 5
55
LINEIN5R
AI
Right-channel analog input 5
57
LINEIN6L
AI
Left-channel analog input 6
58
LINEIN6R
AI
Right-channel analog input 6
60
LINEIN7L
AI
Left-channel analog input 7
61
LINEIN7R
AI
Right-channel analog input 7
63
LINEIN8L
AI
Left-channel analog input 8
64
LINEIN8R
AI
Right-channel analog input 8
66
LINEIN9L
AI
Left-channel analog input 9
67
LINEIN9R
AI
Right-channel analog input 9
69
LINEIN10L
AI
Left-channel analog input 10
70
LINEIN10R
AI
Right-channel analog input 10
71
AVDD_ADC
P
3.3-V analog power
72
AVSS_ADC/REF
P
Analog ground
73
BIAS_REF
AO
Pin should be tied to analog ground with 22-k 1%
74
BG_REF
AO
Band gap output. Must be tied to ground with 1-F low ESR capacitor.
75
V1P5_REF
AO
Common mode output. Must be tied to ground with 1-F low ESR capacitor.
76
AVDD_REF
P
3.3-V analog power
77
LINEOUT3L
AO
Analog line output #3 left channel
78
LINEOUT3R
AO
Analog line output #3 right channel
79
LINEOUT2L
AO
Analog line output #2 left channel
80
LINEOUT2R
AO
Analog line output #2 right channel
81
AVSS_LO
P
Analog ground
82
LINEOUT1L
AO
Left-channel analog output 1
83
LINEOUT1R
AO
Right-channel analog output 1
84
DACOUT1L
AO
Left-channel digital-to-analog converter output 1
85
DACOUT1R
AO
Right-channel digital-to-analog converter output 1
86
DACOUT2L
AO
Left-channel digital-to-analog converter output 2
87
DACOUT2R
AO
Right-channel digital-to-analog converter output 2
88
AVSS_DAC
P
Analog ground
89
AVDD_DAC
P
3.3-V analog power
90
AVDD_HP
P
3.3-V analog power
91
HPOUTL
AO
Left-channel headphone output
92
AVSS_HP
P
Analog ground
93
HPOUTR
AO
Right-channel headphone output
94
AVDD_HP
P
3.3-V analog power
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com