Electronic Components Datasheet Search
  English  ▼

X  

TAS3218 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 24Page - Texas Instruments TAS3218 Datasheet HTML 25Page - Texas Instruments TAS3218 Datasheet HTML 26Page - Texas Instruments TAS3218 Datasheet HTML 27Page - Texas Instruments TAS3218 Datasheet HTML 28Page - Texas Instruments TAS3218 Datasheet HTML 29Page - Texas Instruments TAS3218 Datasheet HTML 30Page - Texas Instruments TAS3218 Datasheet HTML 31Page - Texas Instruments TAS3218 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
I C Sub Address x 0C
2
S Slave Addr
Sub Addr
Ack
Ack WDE
See Note A
Res
Reset
Reset
“0” (default state) enables
watchdog timer
GPIO IN/OUT GPIO DIR
31
30
27
1
1
0
25
Ack
Ack
Ack
GPIOMICROCOUNT
MS BYTE
GPIOMICROCOUNT
LS BYTE
Ack
GPIO_samp_int
0
24
23
15
7
0
Watchdog Timer
MICRO_CLK
MICRO_CLK
Data_IN_OUT
Data Path
Switch
Sampling
Logic
Decode 2^16
Decode 2^16
8051 uC Firmware
8051 uControl
Down Counter
LD
Q
D
GPIO1
ENB
Q
D
GPIO1
ENB
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Watchdog Timer
There is a hardware watchdog timer in the TAS3218 that can be programmed in the customer application code
to monitor the microprocessor activity. If the watchdog timer expires it will generate a reset to the 8051
microprocessor. GPIOMICROCOUNT, in subaddress 0x0C, is used in order to trigger GPIO input/output and the
monitoring to the DSP diagnostic count. Because of this, the value selected for GPIOMICROCOUNT must be
chosen to provide a good tradeoff of between micro overheard and adequate execution frequency of these
processes. The default value for this counter is 0x5820 which corresponds to a period of 1.25 ms.
Figure 18 shows the GPIO register, the GPOI interface, and a typical user application code implementation of the
watchdog timer reset.
A.
Determines how many consecutive Logic 0 samples (where each sample is spaced by GPIOMICROCOUNT
Micro_clks) are required to read a Logic 0 on a GPIO input port
Figure 18. GPIO Ports
28
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com