Electronic Components Datasheet Search
  English  ▼

X  

34119 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34119 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34119
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34119 Pin Connections
Table 1. 34119 Pin Definitions
Pin Number
Pin Name
Definition
1
CD
Chip Disable -- Digital input. A Logic “0” (<0.8 V) sets normal operation. A logic “1” (
≥2.0 V) sets the power down
mode. Input impedance is nominally 90 kΩ.
2
FC2
A capacitor at this pin increases power supply rejection, and affects turn--on time. This pin can be left open if
the capacitor at FC1 is sufficient.
3
FC1
Analog ground for the amplifiers. A 1.0
µF capacitor at this pin (with a 5.0 µF capacitor at Pin 2) provides
(typically) 52 dB of power supply rejection. Turn--on time of the circuit is affected by the capacitor on this pin.
This pin can be used as an alternate input.
4
VIN
Amplifier input. The input capacitor and resistor set low frequency rolloff and input impedance. The feedback
resistor is connected to this pin and VO1.
5
V01
Amplifier Output #1. The dc level is
≈ (VCC - 0.7 V)/2.
6
VCC
DC supply voltage (+2.0 V to +16 V) is applied to this pin.
7
GND
Ground pin for the entire circuit.
8
V02
Amplifier Output #2. This signal is equal in amplitude, but 180
° out--of--phase with that at VO1. The dc level is
≈ (VCC -- 0.7 V)/2.
1
2
3
4
5
6
7
8
CD
FC2
FC1
VIN
V02
GND
VCC
V01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com