Electronic Components Datasheet Search
  English  ▼

X  

34119 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34119 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34119
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 4. Amplifier #1 Open Loop Gain and Phase
Figure 5. Differential Gain versus Frequency
Figure 6. Power Supply Rejection versus Frequency
Figure 7. Power Supply Rejection versus Frequency
Figure 8. Power Supply Rejection versus Frequency
Figure 9. Power Supply Rejection versus Frequency
0
36
72
108
144
180
100
80
60
40
20
0
f, FREQUENCY (Hz)
100
1.0 k
10 k
100 k
1.0 M
Phase
Gain
36
32
24
16
8
0
f, FREQUENCY (Hz)
100
1.0 k
10 k
20 k
--
+
#1
#2
0.1
RI
Rf
Input
VO1
VO2
VO
Rf = 150 k, RI =6.0 k
Rf =75k,RI =3.0 k
(C2= 10
µF)
60
50
40
30
20
10
0
f, FREQUENCY (Hz)
200
1.0 k
10 k
20 k
C1
1.0
µF
C1 = 0.1
µF
C1 = 0
≥
(C2= 5.0 F)
60
50
40
20
10
0
f, FREQUENCY (Hz)
200
1.0 k
10 k
20 k
C1
1.0 F
C1 = 0.1 F
C1 = 0
30
µ
≥
µ
µ
(C2= 1.0 F)
60
50
40
30
20
10
0
f, FREQUENCY (Hz)
200
1.0 k
10 k
20 k
C1 = 5.0 F
C1 = 1.0 F
C1 = 0.1 F
C1 = 0
µ
µ
µ
µ
(C2= 0)
60
50
40
30
20
10
0
f, FREQUENCY (Hz)
200
1.0 k
10 k
20 k
C1 = 5.0 F
C1 = 1.0 F
C1 = 0.1 F
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com