Electronic Components Datasheet Search
  English  ▼

X  

34119 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34119 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34119
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 16. Maximum Allowable Load Power
Figure 17. Power Supply Current
Figure 18. Small Signal Response
Figure 19. Large Signal Response
Figure 20. VCC-VOH @ V01, V02 versus load Current
Figure 21. VOL @ V01, V02 versus Load Current
500
400
300
200
100
0
VCC, SUPPLY VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
12
14
16
RL =32
RL =16
RL =8.0
TA =25°C--Derate at higher temperatures
Ω
Ω
Ω
4.0
3.0
2.0
1.0
0
VCC, SUPPLY VOLTAGE (V)
0
2.0
4.0
6.0
8.0
10
12
14
16
RL =
CD = 0
CD = VCC
∞
20 s/DIV
µ
20 s/DIV
µ
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
ILOAD, LOAD CURRENT (mA)
0
40
80
120
160
200
2.0
VCC 16 V
TA =25°C
≤
≤
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
ILOAD, LOAD CURRENT (mA)
0
40
80
120
160
200
TA =25°C
VCC
6.0 V
VCC =3.0 V
VCC =2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com