Electronic Components Datasheet Search
  English  ▼

X  

34119 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34119 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34119
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions -1.0 V
≤ V
CC ≤ 18 V, - 20°C ≤ T
A ≤ 70°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
AMPLIFIERS
AC Input Resistance (@ VIN)
RI
-
> 30
-
M
Ω
Open Loop Gain (Amplifier #1, f < 100 Hz)
AVOL1
80
-
-
dB
Closed Loop Gain (Amplifier #2, VCC = 6.0 V, f = 1.0 kHz, RL = 32Ω)
AV2
-0.35
0.0
0.35
dB
Gain Bandwidth Product
GBW
-
1.5
-
MHz
Output Power
VCC = 3.0 V, RL = 16Ω, THD ≤ 10%
VCC = 6.0 V, RL = 32Ω, THD ≤ 10%
VCC = 12 V, RL = 100Ω, THD ≤ 10%%
POUT3
POUT6
POUT12
55
240
400
-
-
-
-
-
-
mW
Total Harmonic Distortion (f = 1.0 kHz)
(VCC = 6.0 V, RL = 32Ω, POUT = 125 mW)
(VCC ≥ 3.0 V, RL = 8.0Ω, POUT = 20 mW)
(VCC ≥ 12 V, RL = 32Ω, POUT = 200 mW)
THD
-
-
-
0.5
0.5
0.6
1.0
-
-
%
Power Supply Rejection (VCC = 6.0 V, ∆VCC = 3.0 V)
(C1 =
∞, C2 = 0.01 µF)
(C1 = 0.1 µF, C2 = 0, f = 1.0 kHz)
(C1 = 1.0 µF, C2 = 5.0 µF, f = 1.0 kHz)
PSRR
50
-
-
-
12
52
-
-
-
dB
Differential Muting (VCC = 6.0 V, 1.0 kHz ≤ f ≤ 20 kHz, CD = 2.0 V)
GMT
-
> 70
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com