Electronic Components Datasheet Search
  English  ▼

X  

34119 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34119 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34119
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 22. Input Characteristics @ CD (Pin 1)
Figure 23. Small Signal Response
Figure 24. Audio Amplifier with Bass Suppression
Figure 25. Frequency Response of Figure 24
Figure 26. Audio Amplifier with Bandpass
Figure 27. Frequency Response of Figure 26
200
160
120
80
40
0
VCD, CHIP DISABLE VOLTAGE (V)
04.0
8.0
12
16
Valid for VCD VCC
≤
Differential Gain = 34 dB
Frequency Response: See figure 5
Input Impedance 125 k
PSRR 50 dB
--
+
--
+
#1
#2
Bias
Circuit
6
4
3
2
0.1 3.0 k
0.1
Input
5.0 F
50 k
125 k
50 k
4.0 k
4.0 k
7
5
8
1
Speaker
Disable
Ω
µ
GND
VCC
75 k
--
+
--
+
#1
#2
Bias
Circuit
6
4
3
2
5.1 k
0.1
Input
5.0 F
50 k
125 k
50 k
4.0 k
4.0 k
7
GND
5
8
1
Speaker
Disable
0.05 0.05
5.1 k
µ
VCC
36
32
24
16
8.0
0
f, FREQUENCY (Hz)
100
1.0 k
10 k
20 k
--
+
--
+
#1
#2
Bias
Circuit
6
4
3
2
5.1 k
0.1
Input
5.0 F
50 k
125 k
50 k
4.0 k
4.0 k
7
GND
5
8
1
Speaker
Disable
0.05
0.05
5.1 k
1000 pF
100 k
100 k
1000 pF
µ
VCC
36
32
24
16
8.0
0
f, FREQUENCY (Hz)
100
1.0 k
10 k
20 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com