Electronic Components Datasheet Search
  English  ▼

X  

34119 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34119
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 28. Split Supply Operation
--
+
--
+
#1
#2
Bias
Circuit
6
(+1.0 V to +8.0 V)
4
3
2
50 k
125 k
50 k
4.0 k
4.0 k
7
VEE
(--1.0 V to --8.0 V)
5
8
CD
Speaker
Rf 75 k
VO1
VO2
Audio Input
CI
0.1
RI
3.0 k
VIN
FC1
FC2
1
4700
VCC
VEE
10 k
20 k
20 k
Chip Disable
NOTE:
If VCC and VEE are not symmetrical about ground then FC1 must be
connected through a capacitor to ground as shown on the front page.
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com