Electronic Components Datasheet Search
  English  ▼

X  

34119 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34119
Description  Low Power Audio Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34119 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34119 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34119 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34119
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions -1.0 V
≤ V
CC ≤ 18 V, - 20°C ≤ T
A ≤ 70°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
AMPLIFIERS
Output DC Level @ VO1, VO2, VCC = 3.0 V, RL = 16 (RF = 75 k)
VCC = 6.0 V
VCC = 12 V
VO(3)
VO(6)
VO(12)
1.0
-
-
1.15
2.65
5.65
1.25
-
-
V
Output Level
High (IOUT = -75 mA, 2.0 V ≤ VCC ≤ 16 V)
Low (IOUT = 75 mA, 2.0 V ≤ VCC ≤ 16 V)
VOH
VOL
-
-
VCC - 1.0
0.16
-
-
V
Output DC Offset Voltage (VO1 - VO2)
(VCC = 6.0 V, RF = 75 kΩ, RL = 32Ω)
∆V
O
-30
0.0
30
mV
Input Bias Current @ VIN (VCC = 6.0 V)
IIB
-
-100
-200
nA
Equivalent Resistance
@ FC1 (VCC = 6.0 V)
@ FC2 (VCC = 6.0 V)
RFC1
RFC2
100
18
150
25
220
40
k
Ω
CHIP DISABLE
Input Voltage
Low
High
VIL
VIH
-
2.0
-
-
0.8
-
V
Input Resistance
(VCC = VCD = 16 V)
RCD
50
90
175
k
Ω
POWER SUPPLY
Power Supply Current
(VCC = 3.0 V, RL = ∞, CD = 0.8 V)
(VCC= 16 V, RL = ∞, CD = 0.8 V)
(VCC = 3.0 V, RL = ∞, CD = 2.0 V)
ICC3
ICC16
ICCD
-
-
-
2.7
3.3
65
4.0
5.0
100
mA
mA
µA
TYPICAL TEMPERATURE PERFORMANCE (-20°C < TA < 70°C)
Input Bias Current @ VIN
IIN
-
±40
-
pA/°C
Total Harmonic Distortion
(VCC = 6.0 V, RL = 32Ω, POUT = 125 mW, f = 1.0 kHz)
THD
-
±0.003
-
%/°C
Power Supply Current
(VCC = 3.0 V, RL = ∞, CD = 0 V
(VCC = 3.0 V, RL = ∞, CD = 2.0 V)
ICC
-
-
-2.5
-0.03
-
-
µA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com