Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7156
Description  Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 1 Page - Analog Devices

  AD7156 Datasheet HTML 1Page - Analog Devices AD7156 Datasheet HTML 2Page - Analog Devices AD7156 Datasheet HTML 3Page - Analog Devices AD7156 Datasheet HTML 4Page - Analog Devices AD7156 Datasheet HTML 5Page - Analog Devices AD7156 Datasheet HTML 6Page - Analog Devices AD7156 Datasheet HTML 7Page - Analog Devices AD7156 Datasheet HTML 8Page - Analog Devices AD7156 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Ultralow Power, 1.8 V, 3 mm × 3 mm,
2-Channel Capacitance Converter
AD7156
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow power
Power supply voltage: 1.8 V to 3.6 V
Operation power supply current: 70 μA typical
Power-down current: 2 μA typical
Fast response time
Conversion time: 10 ms per channel
Wake-up time from serial interface: 300 μs
Adaptive environmental compensation
2 capacitance input channels
Sensor capacitance (CSENS): 0 pF up to 13 pF
Sensitivity up to 3 fF
2 modes of operation
Standalone with fixed settings
Interfaced to a microcontroller for user-defined settings
2 detection output flags
2-wire serial interface (I2C-compatible)
Operating temperature: −40°C to +85°C
10-lead LFCSP package (3 mm × 3 mm × 0.8 mm)
APPLICATIONS
Buttons and switches
Proximity sensing
Contactless switching
Position detection
Level detection
Portable products
GENERAL DESCRIPTION
The AD7156 delivers a complete signal processing solution for
capacitive sensors, featuring an ultralow power converter with
fast response time.
The AD7156 uses an Analog Devices, Inc., capacitance-to-
digital converter (CDC) technology, which combines features
important for interfacing to real sensors, such as high input
sensitivity and high tolerance of both input parasitic ground
capacitance and leakage current.
The integrated adaptive threshold algorithm compensates for
any variations in the sensor capacitance due to environmental
factors like humidity and temperature or due to changes in the
dielectric material over time.
By default, the AD7156 operates in standalone mode using the
fixed power-up settings and indicates detection on two digital
outputs. Alternatively, the AD7156 can be interfaced to a micro-
controller via the serial interface, the internal registers can be
programmed with user-defined settings, and the data and status
can be read from the part.
The AD7156 operates with a 1.8 V to 3.6 V power supply. It is
specified over the temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
FILTER
SERIAL
INTERFACE
CIN1
CSENS1
CSENS2
EXC1
Σ-Δ CDC
CIN2
EXC2
MUX
EXCITATION
THRESHOLD
THRESHOLD
SCL
VDD
GND
AD7156
SDA
OUT1
OUT2
Figure 1.


Similar Part No. - AD7156

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7156 AD-AD7156 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
AD7156BCPZ-REEL AD-AD7156BCPZ-REEL Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
AD7156BCPZ-REEL7 AD-AD7156BCPZ-REEL7 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
More results

Similar Description - AD7156

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62901 TI-TPS62901 Datasheet
6Mb / 50P
TPS62901, 3-V to 17-V, High Efficiency and Low IQ Buck Converter in 1.5-mm 횞 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com