Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7156
Description  Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7156 Datasheet HTML 11Page - Analog Devices AD7156 Datasheet HTML 12Page - Analog Devices AD7156 Datasheet HTML 13Page - Analog Devices AD7156 Datasheet HTML 14Page - Analog Devices AD7156 Datasheet HTML 15Page - Analog Devices AD7156 Datasheet HTML 16Page - Analog Devices AD7156 Datasheet HTML 17Page - Analog Devices AD7156 Datasheet HTML 18Page - Analog Devices AD7156 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7156
Rev. 0 | Page 15 of 28
REGISTER DESCRIPTIONS
Table 5. Register Summary1
Register
Addr Pointer
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Dec
Hex
Status
0
0x00
R
PwrDown
DacStep2
OUT2
DacStep1
OUT1
C1/C2
RDY2
RDY1
(0)
(1)
(0)
(1)
(0)
(0)
(1)
(1)
Ch 1 Data High
1
0x01
R
0x00
Ch 1 Data Low
2
0x02
R
0x00
Ch 2 Data High
3
0x03
R
0x00
Ch 2 Data Low
4
0x04
R
0x00
Ch 1 Average High
5
0x05
R
0x00
Ch 1 Average Low
6
0x06
R
0x00
Ch 2 Average High
7
0x07
R
0x00
Ch 2 Average Low
8
0x08
R
0x00
Ch 1 Sensitivity/
Ch 1 Threshold High
9
0x09
R/W
Ch 1 sensitivity (in adaptive threshold mode)/Ch 1 threshold high byte (in fixed threshold mode)
0x08
Ch 1 Timeout/
Ch 1 Threshold Low
10
0x0A
R/W
Ch 1 timeout (in adaptive threshold mode)/CH 1threshold low byte (in fixed threshold mode)
0x86
Ch 1 Setup
11
0x0B
R/W
RngH1
RngL1
Hyst1
ThrSettling1 (4-bit value)
(0)
(0)
(0)
(0)
(0x0B)
Ch 2 Sensitivity/
Ch 2 Threshold High
12
0x0C
R/W
Ch 2 sensitivity (in adaptive threshold mode)/Ch 2 threshold high byte (in fixed threshold mode)
0x08
Ch 2 Timeout/
Ch 2 Threshold Low
13
0x0D
R/W
Ch 2 timeout (in adaptive threshold mode)/Ch 2 threshold low byte (in fixed threshold mode)
0x86
Ch 2 Setup
14
0x0E
R/W
RngH2
RngL2
Hyst2
ThrSettling2 (4-bit value)
(0)
(0)
(0)
(0)
(0x0B)
Configuration
15
0x0F
R/W
ThrFixed
ThrMD1
ThrMD0
EnCh1
EnCh2
MD2
MD1
MD0
(0)
(0)
(0)
(1)
(1)
(0)
(0)
(1)
Power-Down Timer
16
0x10
R/W
Power-down timeout (6-bit value)
(0)
(1)
(0x00)
Ch 1 CAPDAC
17
0x11
R/W
DacEn1
DacAuto1
DacValue1 (6-bit value)
(1)
(1)
(0x00)
Ch 2 CAPDAC
18
0x12
R/W
DacEn2
DacAuto2
DacValue2 (6-bit value)
(1)
(1)
(0x00)
Serial Number 3
19
0x13
R
Serial number—Byte 3 (MSB)
Serial Number 2
20
0x14
R
Serial number—Byte 2
Serial Number 1
21
0x15
R
Serial number—Byte 1
Serial Number 0
22
0x16
R
Serial number—Byte 0 (LSB)
Chip ID
23
0x17
R
Chip identification code
1 The default values are given in parentheses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com