Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7156
Description  Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7156 Datasheet HTML 10Page - Analog Devices AD7156 Datasheet HTML 11Page - Analog Devices AD7156 Datasheet HTML 12Page - Analog Devices AD7156 Datasheet HTML 13Page - Analog Devices AD7156 Datasheet HTML 14Page - Analog Devices AD7156 Datasheet HTML 15Page - Analog Devices AD7156 Datasheet HTML 16Page - Analog Devices AD7156 Datasheet HTML 17Page - Analog Devices AD7156 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7156
Rev. 0 | Page 14 of 28
AUTO-DAC ADJUSTMENT
In adaptive threshold mode, the part can dynamically adjust the
CAPDAC to keep the CDC in an optimal operating capacitive
range. When the auto-DAC function is enabled, the CAPDAC
value is automatically incremented when the data average
exceeds ¾ of the CDC full range (average > 0xA800), and
the CAPDAC value is decremented when the data average
goes below ¼ of the CDC full range (average < 0x5800).
The auto-DAC increment or decrement step depends on
the selected CDC capacitive input range (see the Setup Registers
section).
When the CAPDAC value reaches 0, the ¼ threshold for further
decrementing is ignored. Similarly, when the CAPDAC value
reaches its full range, the ¾ threshold is ignored. The CDC and
the rest of the algorithm are continuously working, and they are
functional down to a capacitance input of 0 pF or as high as the
capacitance input of (CAPDAC full range + CDC full range),
respectively.
POWER-DOWN TIMER
In power sensitive applications, the AD7156 can be set to
automatically enter power-down mode after a programmed
period of time in which the outputs have not been activated.
The AD7156 can then be returned to a normal operational
mode either via the serial interface or by the power supply
off/on sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com