Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7156
Description  Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7156 Datasheet HTML 13Page - Analog Devices AD7156 Datasheet HTML 14Page - Analog Devices AD7156 Datasheet HTML 15Page - Analog Devices AD7156 Datasheet HTML 16Page - Analog Devices AD7156 Datasheet HTML 17Page - Analog Devices AD7156 Datasheet HTML 18Page - Analog Devices AD7156 Datasheet HTML 19Page - Analog Devices AD7156 Datasheet HTML 20Page - Analog Devices AD7156 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7156
Rev. 0 | Page 17 of 28
DATA REGISTERS
Ch 1 Address Pointer 0x01, Address Pointer 0x02
Ch 2 Address Pointer 0x03, Address Pointer 0x04
16 Bits, Read Only
Default Value 0x0000
Data from the last complete capacitance-to-digital conversion
reflects the capacitance on the input. Only the 12 MSBs of the
data registers are used for the CDC result. The 4 LSBs are
always 0, as shown in Figure 36.
The data register is updated after a finished conversion on the
capacitive channel, with one exception: when the serial interface
read operation from the data register is in progress, the data
register is not updated and the new capacitance conversion
result is lost.
The stop condition on the serial interface is considered to be
the end of the read operation. Therefore, to prevent incorrect
data reading through the serial interface, the two bytes of a
data register should be read sequentially using the register
address pointer autoincrement feature of the serial interface.
The nominal AD7156 CDC transfer function (an ideal transfer
function excluding offset and/or gain error) maps the input
capacitance between zero scale and full scale to output data
codes between 0x3000 and 0xD000 only (see Table 8).
For an ideal part, linear, with no offset error and no gain error,
the input capacitance can be calculated from the output data
using the following equation:
(pF)
_
960
,
40
288
,
12
pF)
(
Range
Input
Data
C
×
−
=
where Input_Range = 4 pF, 2 pF, 1 pF, or 0.5 pF.
The following is the same equation written with hexadecimal
numbers:
(pF)
_
000
xA
0
3000
x
0
pF)
(
Range
Input
Data
C
×
−
=
With offset error and gain error included, the equation is:
)
pF
(
_
%
100
(%)
_
1
(pF)
_
960
,
40
288
,
12
pF)
(
Error
Offset
Error
Gain
Range
Input
Data
C
+
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
−
=
Or the same equation with hexadecimal numbers:
)
pF
(
_
%
100
(%)
_
1
(pF)
_
000
xA
0
3000
x
0
pF)
(
Error
Offset
Error
Gain
Range
Input
Data
C
+
⎟
⎠
⎞
⎜
⎝
⎛ +
×
×
−
=
BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2
12-BIT CDC RESULT
BIT 1 BIT 0 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2
DATA HIGH
MSB
DATA LOW
LSB
BIT 1 BIT 0
0
Figure 36. CDC Data Register
Table 8. AD7156 Capacitance-to-Data Mapping1
Data
Input Capacitance
0x0000
Under range (below 0 pF)
0x3000
Zero scale (0 pF)
0x5800
Quarter scale (+0.5 pF)—auto-DAC step down
0x8000
Midscale (+1 pF)
0xA800
Three-quarter scale (+1.5 pF)—auto-DAC step up
0xD000
Full scale (+2 pF)
0xFFF0
Over range (above +2 pF)
1 An ideal part with no offset and gain error, values shown in picofarad for 2 pF capacitance input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com