Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7156
Description  Ultralow Power, 1.8 V, 3 mm 횞 3 mm, 2-Channel Capacitance Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7156 Datasheet HTML 20Page - Analog Devices AD7156 Datasheet HTML 21Page - Analog Devices AD7156 Datasheet HTML 22Page - Analog Devices AD7156 Datasheet HTML 23Page - Analog Devices AD7156 Datasheet HTML 24Page - Analog Devices AD7156 Datasheet HTML 25Page - Analog Devices AD7156 Datasheet HTML 26Page - Analog Devices AD7156 Datasheet HTML 27Page - Analog Devices AD7156 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7156
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
TOP VIEW
10
1
6
5
0.30
0.23
0.18
*EXPOSED
PAD
(BOTTOM VIEW)
PIN 1 INDEX
AREA
3.00
BSC SQ
SEATING
PLANE
0.80
0.75
0.70
0.20 REF
0.05 MAX
0.02 NOM
0.80 MAX
0.55 NOM
1.74
1.64
1.49
2.48
2.38
2.23
0.50
0.40
0.30
0.50 BSC
PIN 1
INDICATOR
(R 0.20)
*FOR PROPER CONNECTION OF THE EXPOSED PAD PLEASE REFER TO
THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION
OF THIS DATA SHEET.
Figure 52. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD7156BCPZ-REEL1
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
C6L
AD7156BCPZ-REEL71
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
C6L
EVAL-AD7156EBZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com