Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 32Page - Texas Instruments TMDS261 Datasheet HTML 33Page - Texas Instruments TMDS261 Datasheet HTML 34Page - Texas Instruments TMDS261 Datasheet HTML 35Page - Texas Instruments TMDS261 Datasheet HTML 36Page - Texas Instruments TMDS261 Datasheet HTML 37Page - Texas Instruments TMDS261 Datasheet HTML 38Page - Texas Instruments TMDS261 Datasheet HTML 39Page - Texas Instruments TMDS261 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
TMDS261
SLLS953 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Table 8. I2C Register 0x01 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:6
Bit 7
Bit 6
Port Select I2C Mode
1
1
X
Port 1 is selected as the active port; HPD on non-selected ports is low. HPD1 can go low, high
or high-Z.
1
0
Port 2 is selected as the active port; HPD on non-selected ports is low. HPD2 can go low, high
or high-Z.
0
0
Disallowed (indeterminate sate, all terminations are disconnected)
0
1
Standby mode: HPD[1:2] follows HPD_SINK.
5:4
Bit 4
Bit 3
OVS Control
0
0
OVS2: DDC sink-side VOL and VIL offset range 2: VIL2 (max): 0.4 V, VOL2 (max): 0.6 V
0
1
X
OVS3: DDC sink-side VOL and VIL offset range 3: VIL3 (max): 0.3 V, VOL3 (max): 0.5 V
1
1
OVS1: DDC sink-side VOL and VIL offset range 1: VIL1 (max): 0.4 V, VOL1 (max): 0.7 V
3:2
Bit 3
Bit 2
Output Edge Rate Control
1
1
Fastest TMDS output rise and fall time setting + 120 ps approximately (slowest rise and fall
time setting)
1
0
Fastest TMDS output rise and fall time setting + 100 ps approximately
0
1
Fastest TMDS output rise and fall time setting + 50 ps approximately
0
0
X
Fastest TMDS output rise and fall time setting
1:0
Bit 1
Bit 0
Power Mode
1
0
Device enters low-power mode.
1
1
Device enters low-power mode.
0
1
Reserved
0
0
X
Device is in normal-power mode.
Register 0x01 is read/write.
Table 9. I2C Register 0x02 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:6
Bit 7
Bit 6
Port Select Status Indicator
1
1
X
Indicates port 1 is selected as the active port, all other ports are low.
1
0
Indicates port 2 is selected as the active port, all other ports are low.
0
0
Disallowed (indeterminate sate, all terminations are disconnected)
0
1
Indicates standby mode: HPD[1:2] follows HPD_SINK.
5:4
Bit 4
Bit 3
OVS Control Status Indicator
0
0
Indicates DDC sink side VOL and VIL offset range 2: VIL2 (max): 0.4 V, VOL2 (max): 0.6 V
0
1
X
Indicates DDC sink side VOL and VIL offset range 3: VIL3 (max): 0.3 V, VOL3 (max): 0.5 V
1
1
Indicates DDC sink side VOL and VIL offset range 1: VIL1 (max): 0.4 V, VOL1 (max): 0.7 V
3:2
Bit 3
Bit 2
Output edge rate status control
1
1
Indicates fastest TMDS output rise and fall time setting + 120 ps approximately (slowest rise
and fall time setting)
1
0
Indicates fastest TMDS output rise and fall time setting + 100 ps approximately
0
1
Indicates fastest TMDS output rise and fall time setting + 50 ps approximately
0
0
X
Indicates fastest TMDS output rise and fall time setting
1:0
Bit 1
Bit 0
Power Mode Status Indicator
1
0
Indicates device enters low-power mode
1
1
Indicates device enters low-power mode
0
1
Reserved
0
0
X
Indicates device is in normal-power mode
36
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com