Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 21Page - Texas Instruments TMDS261 Datasheet HTML 22Page - Texas Instruments TMDS261 Datasheet HTML 23Page - Texas Instruments TMDS261 Datasheet HTML 24Page - Texas Instruments TMDS261 Datasheet HTML 25Page - Texas Instruments TMDS261 Datasheet HTML 26Page - Texas Instruments TMDS261 Datasheet HTML 27Page - Texas Instruments TMDS261 Datasheet HTML 28Page - Texas Instruments TMDS261 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Master
Slave
DriverR
Driver T
V
Rdd
R
Rup
C
CABLE
C
SOURCE
C
I
C
O
C
slave
V
Tdd
R
Tup
C
medium
RSCL
RSDA
9thClockPulse- AcknowledgeFromSlave
TSCL
TSDA
9thClockPulse- AcknowledgeFromSlave
V
OL
OfSlave
V
OL
OfDriver T
I
2C Pullup Resistors
TMDS261
www.ti.com............................................................................................................................................................................................ SLLS953 – DECEMBER 2008
Figure 30. Typical Application
Figure 31 illustrates the waveforms seen on the R-side I2C-bus when the master writes to the slave through the
I2C repeater circuit of the TMDS261. This looks like a normal I2C transmission, and the turnon and turnoff of the
acknowledge signals are slightly delayed.
Figure 31. Bus-R Waveform
Figure 32 illustrates the waveforms seen on the T-side I2C-bus under the same operation as in Figure 31. On the
T-side of the I2C repeater, the clock and data lines would have a positive offset from ground equal to the VOL of
the driver T. After the 8th clock pulse, the data line is pulled to the VOL of the slave device, which is very close to
ground in this example. At the end of the acknowledge, the slave device releases and the bus level rises back to
the VOL set by the driver until the R-side rises above VCC/2, after which it continues to be high. It is important to
note that any arbitration or clock-stretching events require that the low level on the T-side bus at the input of the
TMDS261 I2C repeater is below 0.4 V to be recognized by the device and then transmitted to the R-side I2C bus.
Figure 32. Bus T Waveform
The pullup resistor value is determined by two requirements:
1. The maximum sink current of the I2C buffer:
The maximum sink current is 3 mA or slightly higher for an I2C driver supporting standard-mode I2C
operation.
Rup(min) = VDD/Isink
(1)
2. The maximum transition time on the bus:
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com