Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 22Page - Texas Instruments TMDS261 Datasheet HTML 23Page - Texas Instruments TMDS261 Datasheet HTML 24Page - Texas Instruments TMDS261 Datasheet HTML 25Page - Texas Instruments TMDS261 Datasheet HTML 26Page - Texas Instruments TMDS261 Datasheet HTML 27Page - Texas Instruments TMDS261 Datasheet HTML 28Page - Texas Instruments TMDS261 Datasheet HTML 29Page - Texas Instruments TMDS261 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
TMDS261
SLLS953 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
The maximum transition time, T, of an I2C bus is set by an RC time constant, where R is the pullup resistor
value and C is the total load capacitance. The parameter, k, can be calculated from Equation 3 by solving for
t, the times at which certain voltage thresholds are reached. Different input threshold combinations introduce
different values of t. Table 4 summarizes the possible values of k under different threshold combinations.
T = k × RC
(2)
V(t) = VDD(1 – e
–t/RC)
(3)
Table 4. Value of k for Different Input Threshold Voltages
Vth–\Vth+
0.7 VDD
0.65 VDD
0.6 VDD
0.55 VDD
0.5 VDD
0.45 VDD
0.4 VDD
0.35 VDD
0.3 VDD
0.1 VDD
1.0986
0.9445
0.8109
0.6931
0.5878
0.4925
0.4055
0.3254
0.2513
0.15 VDD
1.0415
0.8873
0.7538
0.6360
0.5306
0.4353
0.3483
0.2683
0.1942
0.2 VDD
0.9808
0.8267
0.6931
0.5754
0.4700
0.3747
0.2877
0.2076
0.1335
0.25 VDD
0.9163
0.7621
0.6286
0.5108
0.4055
0.3102
0.2231
0.1431
0.0690
0.3 VDD
0.8473
0.6931
0.5596
0.4418
0.3365
0.2412
0.1542
0.0741
—
From Equation 1, Rup(min) = 5.5 V/3 mA = 1.83 kΩ to operate the bus under a 5-V pullup voltage and provide less
than 3 mA when the I2C device is driving the bus to a low state. If a higher sink current, for example 4 mA, is
allowed, Rup(min) can be as low as 1.375 kΩ.
Given a 5-V I2C device with input low and high threshold voltages at 0.3 Vdd and 0.7 Vdd, respectively, the value
of k is 0.8473 from Table 4. Taking into account the 1.83-k
Ω pullup resistor, the maximum total load capacitance
is C(total-5V) = 645 pF. Ccable(max) should be restricted to be less than 545 pF if Csource and Ci can be as high as 50
pF. Here the Ci is treated as Csink, the load capacitance of a sink device.
Fixing the maximum transition time from Table 4, T = 1
µs, and using the k values from Table 4, the
recommended maximum total resistance of the pullup resistors on an I2C bus can be calculated for different
system setups.
To support the maximum load capacitance specified in the HDMI spec, Ccable(max) = 700 pF/Csource = 50 pF/Ci =
50 pF, R(max) can be calculated as shown in Table 5.
Table 5. Pullup Resistor for Different Threshold Voltages and 800-pF Load
Vth–\Vth+
0.7 VDD
0.65 VDD
0.6 VDD
0.55 VDD
0.5 VDD
0.45 VDD
0.4 VDD
0.35 VDD
0.3 VDD
UNIT
0.1 VDD
1.14
1.32
1.54
1.80
2.13
2.54
3.08
3.84
4.97
k
Ω
0.15 VDD
1.20
1.41
1.66
1.97
2.36
2.87
3.59
4.66
6.44
k
Ω
0.2 VDD
1.27
1.51
1.80
2.17
2.66
3.34
4.35
6.02
9.36
k
Ω
0.25 VDD
1.36
1.64
1.99
2.45
3.08
4.03
5.60
8.74
18.12
k
Ω
0.3 VDD
1.48
1.80
2.23
2.83
3.72
5.18
8.11
16.87
—
k
Ω
Or, limiting the maximum load capacitance of each cable to 400 pF to accommodate with I2C spec version 2.1.
Ccable(max) = 400 pF/Csource = 50 pF/Ci = 50 pF, the maximum values of R(max) are calculated as shown in Table 6.
Table 6. Pullup Resistor Upon Different Threshold Voltages and 500-pF Loads
Vth–\Vth+
0.7 VDD
0.65 VDD
0.6 VDD
0.55 VDD
0.5 VDD
0.45 VDD
0.4 VDD
0.35 VDD
0.3 VDD
UNIT
0.1 VDD
1.82
2.12
2.47
2.89
3.40
4.06
4.93
6.15
7.96
k
Ω
0.15 VDD
1.92
2.25
2.65
3.14
3.77
4.59
5.74
7.46
10.30
k
Ω
0.2 VDD
2.04
2.42
2.89
3.48
4.26
5.34
6.95
9.63
14.98
k
Ω
0.25 VDD
2.18
2.62
3.18
3.92
4.93
6.45
8.96
13.98
28.99
k
Ω
0.3 VDD
2.36
2.89
3.57
4.53
5.94
8.29
12.97
26.99
—
k
Ω
26
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com