Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 23Page - Texas Instruments TMDS261 Datasheet HTML 24Page - Texas Instruments TMDS261 Datasheet HTML 25Page - Texas Instruments TMDS261 Datasheet HTML 26Page - Texas Instruments TMDS261 Datasheet HTML 27Page - Texas Instruments TMDS261 Datasheet HTML 28Page - Texas Instruments TMDS261 Datasheet HTML 29Page - Texas Instruments TMDS261 Datasheet HTML 30Page - Texas Instruments TMDS261 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
HPD Pins
1kW
TMDS261
HPD_SINK
VCC/5V_source
1 k
(internal
W
series resistor)
VCC
HPD_SINK
HPD[1:2]
HPD_SOURCE
ON
L
H
L
ON
H
L
H
OFF
X
Z
H
VCC
HPD[1:2]
HPD_SOURCE
S0387-02
1kW
10kW
5V_Source (5VcomingfromHDMI source)
Layout Considerations
Using the TMDS261 in Systems with Different CEC Link Requirements
TMDS261
www.ti.com............................................................................................................................................................................................ SLLS953 – DECEMBER 2008
Obviously, to accommodate the 3-mA drive current specification, a narrower threshold voltage range is required
to support a maximum 800-pF load capacitance for a standard-mode I2C bus.
When the input low- and high-level threshold voltages, Vth– and Vth+, are 0.7 V and 1.9 V, respectively, which is
0.15 VDD and 0.4 VDD, approximately. With VDD = 5 V from Table 5, the maximum pullup resistor is 3.59 kΩ. The
allowable pullup resistor is in the range of 1.83 k
Ω and 3.59 kΩ.
The HPD circuits are powered by the 3.3-V VCC supply. This provides maximum VOH = VCC and maximum VOL=
0.4-V output signals to the SOURCE with a typical 1-k
Ω output resistance. An external 1-kΩ resistor is not
needed here. The HPD output of the selected source port follows the logic level of the HPD_SINK input.
Unselected HPD outputs are kept low. When the device is in standby mode, all HPD outputs follow HPD_SINK.
If VOH greater than VCC is desired, then an external circuit as shown in Figure 33 can be used. In this case, the
max VOH can be equal to the 5 V coming from the HDMI source.
Figure 33. External Circuit to Drive 5-V VOH on HPD[1:2]
The high-speed differential TMDS inputs are the most critical paths for the TMDS261. There are several
considerations to minimize discontinuities on these transmission lines between the connectors and the device:
• Maintain 100-Ω differential transmission line impedance into and out of the TMDS261.
• Keep an uninterrupted ground plane beneath the high-speed I/Os.
• Keep the ground-path vias to the device as close as possible to allow the shortest return current path.
• Keep the trace lengths of the TMDS signals between connector and device as short as possible.
The TMDS261 supports a DTV with up to two HDMI inputs when used in conjunction with a signal-port HDMI
receiver. Figure 34 and Figure 35 through Figure 37 show simplified application block diagrams for the TMDS261
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com