Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 5Page - Texas Instruments TMDS261 Datasheet HTML 6Page - Texas Instruments TMDS261 Datasheet HTML 7Page - Texas Instruments TMDS261 Datasheet HTML 8Page - Texas Instruments TMDS261 Datasheet HTML 9Page - Texas Instruments TMDS261 Datasheet HTML 10Page - Texas Instruments TMDS261 Datasheet HTML 11Page - Texas Instruments TMDS261 Datasheet HTML 12Page - Texas Instruments TMDS261 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DISSIPATION RATINGS
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
TMDS261
www.ti.com............................................................................................................................................................................................ SLLS953 – DECEMBER 2008
DERATING FACTOR(1)
TA = 70°C
PACKAGE
PCB JEDEC STANDARD
TA ≤ 25°C
ABOVE TA = 25°C
POWER RATING
Low-K
1066 mW
10.66 mW/°C
586 mW
64-pin TQFP (PAG)
High-K
1481 mW
14.8 mW/°C
814 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
RθJB
Junction-to-board thermal resistance
37.13
°C/W
RθJC
Junction-to-case thermal resistance
15.3
°C/W
Device power dissipation in normal mode LP = HIGH TMDS: VID(pp) = 1200 mV, 3 Gbps
PD(1)
TMDS data pattern; HPD_SINK = HIGH, S1/S2 =
560
780
mW
LOW/HIGH, HIGH/HIGH
Device power dissipation in standby
LP = HIGH, TMDS: VID(pp) = 1200 mV, 3 Gbps
PD(2)
mode
TMDS data pattern; HPD_SINK = HIGH, S1 =
10
20
mW
HIGH, S2 = LOW
Device power dissipation in low-power
PSD
LP = LOW
1
2
mW
mode
Device power dissipation in normal mode LP = HIGH, No TMDS input clock, HPD_SINK =
PNCLK
40
65
mW
with no active TMDS input clock
HIGH, S1/S2 = LOW/HIGH, HIGH/HIGH
(1)
The maximum rating is simulated under 3.6-V VCC across worse-case temperature and process variation. Typical conditions are
simulated at 3.3-V VCC, 25°C with nominal process material.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
0
70
°C
TMDS DIFFERENTIAL OUTPUT PINS
VID(pp)
Peak-to-peak input differential voltage
0.15
1.56
V
VIC
Input common-mode voltage
VCC – 0.4
VCC + 0.01
V
AVCC
TMDS output termination voltage
3
3.3
3.6
V
dR
Data rate
3
Gbps
RVSadj
Resistor for TMDS-compliant voltage output swing
3.66
4.02
4.47
k
Ω
RT
Termination resistance
45
50
55
Ω
DDC PINS
VI
Input voltage
0
5.5
V
dR(I2C)
I2C data rate
100
Kbps
HPD AND CONTROL PINS
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
V
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com