Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 33Page - Texas Instruments TMDS261 Datasheet HTML 34Page - Texas Instruments TMDS261 Datasheet HTML 35Page - Texas Instruments TMDS261 Datasheet HTML 36Page - Texas Instruments TMDS261 Datasheet HTML 37Page - Texas Instruments TMDS261 Datasheet HTML 38Page - Texas Instruments TMDS261 Datasheet HTML 39Page - Texas Instruments TMDS261 Datasheet HTML 40Page - Texas Instruments TMDS261 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
TMDS261
www.ti.com............................................................................................................................................................................................ SLLS953 – DECEMBER 2008
Register 0x02 is read-only.
Table 10. I2C Register 0x03 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7
1
Clock
Clock Detect Circuit Disabled. For HDMI compliance testing (TMDS Termination Voltage Test)
detect
clock-detect feature should be disabled. In this mode the terminations on the TMDS input data
disabled
lines are always connected when the port is selected.
0
Clock
X
Clock Detect Circuit Enabled. It is recommended that TMDS261 is used in this default mode
detect
during normal operation where clock detect circuit is enabled . The terminations on the TMDS
enabled
input data lines are connected only when valid TMDS clock is detected on the selected port.
6:5
X
RSVD
Reserved
4
0
RSVD
X
Note: Do not write a 1 to this bit
3:0
0
RSVD
X
Reserved
Register 0x03 is read/write, For disabling clock detect, value of 80h or 1000 0000b can be written to register
0x03.
Table 11. I2C Register 0x04 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7
1
Clock
A valid clock signal is detected on the selected port. If clock detect is disabled in register
detected
0x03, then bit 7 of register 0x04 will always be 1.
0
No clock
X
The selected port does not have a valid clock signal.
detect
6:5
X
RSVD
Reserved
4
0
RSVD
X
This bit should always read 0
3:0
0
RSVD
X
Reserved
Register 0x04 is read-only.
Table 12. I2C Register 0x05 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:0
—
RSVD
X
Reserved. Read-only, value is indeterministic.
Register 0x05 is TI internal use only.
Table 13. I2C Register 0x06 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:0
—
RSVD
X
Reserved. Read-only, value is indeterministic.
Register 0x06 is TI internal use only.
Table 14. I2C Register 0x07 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:0
—
RSVD
X
Reserved. Read-only, value is indeterministic.
Register 0x07 is TI internal use only.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com