Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 5 Page - Texas Instruments

  TMDS261 Datasheet HTML 1Page - Texas Instruments TMDS261 Datasheet HTML 2Page - Texas Instruments TMDS261 Datasheet HTML 3Page - Texas Instruments TMDS261 Datasheet HTML 4Page - Texas Instruments TMDS261 Datasheet HTML 5Page - Texas Instruments TMDS261 Datasheet HTML 6Page - Texas Instruments TMDS261 Datasheet HTML 7Page - Texas Instruments TMDS261 Datasheet HTML 8Page - Texas Instruments TMDS261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TMDS261
www.ti.com............................................................................................................................................................................................ SLLS953 – DECEMBER 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
SIGNAL
NO.
TMDS INPUT PINS
CLK+_1
39
I
Port-1 TMDS differential clock
CLK–_1
38
D[0:2]+_1
42, 45, 48
I
Port-1 TMDS differential data inputs
D[0:2]–_1
41, 44, 47
CLK+_2
54
I
Port-2 TMDS differential clock
CLK–_2
53
D[0:2]+_2
57, 60, 63
I
Port-2 TMDS differential data inputs
D[0:2]–_2
56, 59, 62
TMDS OUTPUT PINS
CLK+_SINK
26
O
TMDS sink differential clock
CLK–_SINK
27
D[0:2]+_SINK
23, 20, 17
O
TMDS sink differential data outputs
D[0:2]–_SINK
24, 21, 18
HOT-PLUG-DETECT STATUS PINS
HPD[1:2]
35, 50
O
Source port hot-plug-detect output
HPD_SINK
31
I
Sink hot-plug-detect input
DDC PINS
SCL[1:2]
37, 52
I/O
TMDS port bidirectional DDC clock
SDA[1:2]
36, 51
I/O
TMDS port bidirectional DDC data
SCL_SINK
29
I/O
TMDS sink-side bidirectional DDC clock
SDA_SINK
30
I/O
TMDS sink-side bidirectional DDC data
CONTROL PINS
LP
49
I
Low-power select bar
I2C_SEL
34
I
GPIO/local I2C control select
S1/SCL
32
I
Source select 1(GPIO) / local I2C clock (I2C)
S2/SDA
33
I/O
Source select 2 (GPIO) / local I2C data (I2C)
VSadj
16
I
TMDS-compliant voltage swing control
SUPPLY AND GROUND PINS
VCC
6, 12, 19, 25,
3.3-V supply
40, 46, 55, 61
GND
3, 9, 15, 22,
Ground
28, 43, 58
NC
1,2,4,5,7,8,10,11,
No Connect Pins
13,14,64
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com