Electronic Components Datasheet Search
  English  ▼

X  

TMDS261 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMDS261
Description  1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS261 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMDS261 Datasheet HTML 26Page - Texas Instruments TMDS261 Datasheet HTML 27Page - Texas Instruments TMDS261 Datasheet HTML 28Page - Texas Instruments TMDS261 Datasheet HTML 29Page - Texas Instruments TMDS261 Datasheet HTML 30Page - Texas Instruments TMDS261 Datasheet HTML 31Page - Texas Instruments TMDS261 Datasheet HTML 32Page - Texas Instruments TMDS261 Datasheet HTML 33Page - Texas Instruments TMDS261 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
SINK
HDMI RX
DDC_SDA
DDC_SCL
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
5V
47kW
3.3V
4.7kW
4.7kW
CEC
4.02kW 10%
E-EDID
mController
HPDx
SDAx
SCLx
Ax1/Bx1
Ax2/Bx2
Ax3/Bx3
Ax4/Bx4
EQ
S1
S2
HPD_SINK
SDA_SINK
SCL_SINK
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
VSadj
VDD
(5V)
VCC
(3.3V)
GND
SDA SCL
CEC
LOGIC
CEC
PHY
1kW
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
SOURCE
with AC coupled
HDMI output
SINK
HDMI RX
DDC_SDA
DDC_SCL
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
3.3V
4.7kW
4.7kW
4.02kW 10%
mController
HPDx
SDAx
SCLx
Ax1/Bx1
Ax2/Bx2
Ax3/Bx3
Ax4/Bx4
EQ
S1
S2
HPD_SINK
SDA_SINK
SCL_SINK
Y1/Z1
Y2/Z2
Y3/Z3
Y4/Z4
VSadj
VDD
(5V)
VCC
(3.3V)
GND
SDA SCL
CEC
LOGIC
1kW
5V
47kW
CEC E-EDID
1kW
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
HPD
5V
SDA
SCL
CEC
CLK
D0
D1
D2
SOURCE
with DC coupled
HDMI output
CEC
PHY
TMDS261
SLLS953 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Figure 35. Two-Port HDMI Enabled DTV With TMDS261 – AC Coupled Source – CEC Commands Active
Figure 36. Two-Port HDMI Enabled DTV With TMDS261 – DC Coupled Source – CEC Commands Active
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com