Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 31Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 32Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 33Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 34Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 35Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
PK[9]
PCR[130] Option 0
Option 1
Option 2
Option 3
GPIO[130]
MDO3
PDI[17]
—
—SIU
Nexus
PDI
—
I/O
M
Input,
Pull Up
—44
A10
PK[10]
PCR[131] Option 0
Option 1
Option 2
Option 3
GPIO[131]
SDA_B
eMIOSA[15]
—
—SIU
I2C_B
PWM/Timer
—
I/O
S
None,
None
—52
N6
PK[11]
PCR[132] Option 0
Option 1
Option 2
Option 3
GPIO[132]
SCL_B
eMIOSA[14]
—
—SIU
I2C_B
PWM/Timer
—
I/O
S
None,
None
—53
N5
PK[12]
—
—
Reserved
—
—
—
—
—
—
—
—
PK[13]
—
—
Reserved
—
—
—
—
—
—
—
—
PK[14]
—
—
Reserved
—
—
—
—
—
—
—
—
PK[15]
—
—
Reserved
—
—
—
—
—
—
—
—
1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIU module. PCR.PA = 00 -> Option 0; PCR.PA = 01 -> Option
1; PCR.PA = 10 -> Option 2; PCR.PA = 11-> Option 3. This is intended to select the output functions; to use one of the input functions, the PCR.IBE
bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function
is reported as “—”.
2 A=A, S=Slow, M=Medium, F=Fast, SMD=Stepper Motor Driver
3 Reset configuration is given as I/O direction and pull, e.g., “Input, pullup”.
4 Out of reset pins PH[0:3] are available as JTAG pins (TCK, TDI, TDO and TMS respectively). It is up to the user to configure pins PH[0:3] when
needed.
Table 6. Port Pin Summary (continued)
Port
Pin
PCR
Register
Alternate
Function1
Function
Special
Function
Peripheral
I/O
Direction
Pad
Type
2
RESET
Config.
3
Pin Number
144 LQFP 176 LQFP 208 MAPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com