Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
73
3
Fast
1
-6
1-4-
-
100
18
-
55
25
1
-
6
1.5
-
6
-
-
80
18
-
55
50
1
-
6
3
-12-
-40
18-55
100
1
-
6
5
-16-
-25
18-55
200
4
Symmetric
1
-
5
1
-
4
-
-
50
10
-
25
25
5
Pull Up/Down
(5.5 V max)
-----
5000
------
50
1 Propagation delay from V
DD/2 of internal signal to Pchannel/Nchannel on condition
2 Slope at rising/falling edge
3 Data based on characterization results, not tested in production
Table 34. Pad AC specifications (3.3 V, IPP_HVE=0)1
1 Propagation delay from V
DD/2 of internal signal to Pchannel/Nchannel on condition
Num
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
2 Slope at rising/falling edge
Frequency
(MHz)
Current slew3
(mA/ns)
3 Data based on characterization results, not tested in production
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
1
Slow
3
-
40
4
-
40
-
-
4
0.01
-
2
25
3
-
40
6
-
50
-
-
2
0.01
-
2
50
3
-
40
10
-
75
-
-
2
0.01
-
2
100
3
-
40
14
-
100
-
-
2
0.01
-
2
200
2
Medium
1
-15
2
-
12
-
-40
2.5
-
7
25
1
-
15
4
-
25
-
-
20
2.5
-
7
50
1
-
15
8
-
40
-
-
13
2.5
-
7
100
1
-
15
14
-
70
-
-
7
2.5
-
7
200
3
Fast
1
-
6
1
-
4
-
-72
3
-40
25
1-6
1.5
-
7
-
-
55
3-
40
50
1
-
6
3
-
12
-
-40
3
-40
100
1
-
6
5
-
18
-
-25
3
-40
200
4
Symmetric
1-6
2
-
6
-
-
50
3-
25
25
5
Pull Up/Down
(3.6 V max)
---
--
7500
---
---
50
Table 33. Pad AC specifications (5.0 V, IPP_HVE=1)1 (continued)
Num
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew3
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com