Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
49
3.4.3
Low voltage domain power consumption
Table 16 provides DC electrical characteristics for significant application modes. These values are indicative values; actual
consumption depends on the application.
Table 15. Low voltage monitor electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 / +105°C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VPORH
CC Power-on reset threshold
TA = 25°C,
after trimming
1.5
—
2.7
V
VLVDHV3H
CC LVDHV3 low voltage detector high threshold
—
—
2.8
VLVDHV3L
CC LVDHV3 low voltage detector low threshold
2.7
—
—
VLVDHV5H
CC LVDHV5 low voltage detector high threshold
—
—
4.37
VLVDHV5L
CC LVDHV5 low voltage detector low threshold
4.2
—
—
VLVDLVCORH CC LVDLVCOR low voltage detector high threshold
—
—
1.185
VLVDLVCORL CC LVDLVCOR low voltage detector low threshold
1.095
—
—
Table 16. DC electrical characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 / +125 °C
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
IDDMAX
SR Maximum current
—
—
135
mA
IDDRUN
3
3 Value is for maximum peripherals turned on. May vary significantly based on different configurations, active
peripherals, operating frequency, etc.
CC RUN mode current
—
130
—
mA
IDDWAIT
CC WAIT mode current
—
30
—
mA
IDDHALT
CC HALT mode current
4.5
—
12
mA
IDDSTOP
CC STOP mode current
IRC 16 MHz oscillator off
—
1.5
—
mA
IDDSTOP
CC STOP mode current
HPVREG off
—
800
—
µA
IDDSTOP
CC STOP mode current
IRC 16 MHz oscillator on
—
4
—
mA
IDDSTDBY CC STANDBY mode current
IRC 16 MHz oscillator off
—
29
—
µA
IDDSTDBY CC STANDBY mode current
IRC 16 MHz oscillator on
—
300
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com